Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5345HT Datasheet(PDF) 40 Page - NXP Semiconductors

Part # TDA5345HT
Description  5 V spindle & VCM driver combo
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5345HT Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button TDA5345HT Datasheet HTML 36Page - NXP Semiconductors TDA5345HT Datasheet HTML 37Page - NXP Semiconductors TDA5345HT Datasheet HTML 38Page - NXP Semiconductors TDA5345HT Datasheet HTML 39Page - NXP Semiconductors TDA5345HT Datasheet HTML 40Page - NXP Semiconductors TDA5345HT Datasheet HTML 41Page - NXP Semiconductors TDA5345HT Datasheet HTML 42Page - NXP Semiconductors TDA5345HT Datasheet HTML 43Page - NXP Semiconductors TDA5345HT Datasheet HTML 44Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
1999 June 10
40
Philips Semiconductors
Preliminary specification
5 V spindle & VCM driver combo
TDA5345HT
5-3 Thermal monitor
5-4 Shock Sensor
5-5 3.3 V DC-DC linear converter
Note:
1. External NPN: 2SC4210 for instance
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VOLT
output voltage at low temp
TJUNC = 0 °C, TempSel = 1
2.954
V
VOHT
output voltage at high temp TJUNC = 150 °C,
TempSel =1
1.896
V
VONT
output voltage at 25
°CTJUNC = 25 °C, TempSel
=1
2.769
V
KTEMP
temperature coefficient
-7.55
mV/
TWarn
thermal warning threshold
tempSel = 0
145
°C
TWhy
thermal warning hysteresis tempSel = 0
15
°C
TShut
temperature Shutdown
160
°C
TShy
thermal Shutdown
hysteresis
30
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
Unit
Ileak
shockinput leakage current @ Vref = 2 V, GbD
5
nA
Sin
input sensitivity
@ 1 kHz, GbD
35
µV
FcRC
RC filter cut-off frequency
6
8
10
kHz
VT1
2nd stage input window
shockThreh[2, 0] = “000”
122
227
306
µV
VT2
2nd stage input window
shockThreh[2, 0] = “001”
386
454
522
µV
VT3
2nd stage input window
shockThreh[2, 0] = “010”
612
681
750
µV
VT4
2nd stage input window
shockThreh[2, 0] = “011”
816
908
1000
µV
VT5
2nd stage input window
shockThreh[2, 0] = “100”
1021
1135
1248
µV
VT6
2nd stage input window
shockThreh[2, 0] = “101”
1226
1362
1498
µV
VT7
2nd stage input window
shockThreh[2, 0] = “110”
1430
1589
1747
µV
VT8
2nd stage input window
shockThreh[2, 0] = “111”
1634
1816
1998
µV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
Unit
ISOURCE
source current
5
mA
ISINK
sink current
250
µA
CDEC
external decoupling cap
4.7
µF
VO
output voltage
ILOAD constant
& NPN VBE <= 0.7 V
3.15
3.3
3.45
V
VO_4v1
output voltage
same as VO +Vdd5 = 4.1 V
3.05
3.2
3.45
V
BW
control loopband width
GbD
600
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com