Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5345HT Datasheet(PDF) 38 Page - NXP Semiconductors

Part # TDA5345HT
Description  5 V spindle & VCM driver combo
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5345HT Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button TDA5345HT Datasheet HTML 34Page - NXP Semiconductors TDA5345HT Datasheet HTML 35Page - NXP Semiconductors TDA5345HT Datasheet HTML 36Page - NXP Semiconductors TDA5345HT Datasheet HTML 37Page - NXP Semiconductors TDA5345HT Datasheet HTML 38Page - NXP Semiconductors TDA5345HT Datasheet HTML 39Page - NXP Semiconductors TDA5345HT Datasheet HTML 40Page - NXP Semiconductors TDA5345HT Datasheet HTML 41Page - NXP Semiconductors TDA5345HT Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
1999 June 10
38
Philips Semiconductors
Preliminary specification
5 V spindle & VCM driver combo
TDA5345HT
4-2 VCM current control
4-3 VCM current sense amplifier
4-4 VCM back-EMF amplifier
4-5 VCM DAC12
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
GBW
error amplifier bandwidth
@ unity Gain, GbD
4
5.5
MHz
VVcmRef
Vcm loop ref. voltage
generated by DAC-12
1.402
1.482
1.562
V
VClampOutL
error amp out clamping
Vdd5 = 5 V
1.2
1.3
1.4
V
VClampOutL
error amp out clamping
Vdd5 = 5 V
3.6
3.7
3.8
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VComMod
input voltage range
-0.3
VDD5
+0.3
V
BW
bandwidth
GbD
260
530
kHz
RFB
feed back resistor
2.5
3.145
3.9
k
Ω
PSRR
power supply rejection
ratio
@ 1 kHz, GbD
60
dB
CMRR
common mode rejection
ratio
@ 1 kHz, GbD
60
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VComMod
input voltage range
both OpAmps
-0.3
VDD5
+0.3
V
VOL
minimum output voltage
both OpAmps, GbD
100
mV
VOH
maximum output voltage
both OpAmps, GbD
VDD5
-0.1
V
PSRR
power supply rejection
ratio
both OpAmps, @ 1 kHz,
GbD
60
dB
CMRR
common mode rejection
ratio
both OpAmps, @ 1 kHz,
GbD
60
dB
GBW
unity-gain bandwidth
0.77
1.6
MHz
1rst stage input offset
-5
+5
mV
GBEMF2
2nd stage amplifier gain
1.96
2
2.04
VOS2
2nd stage output offset
-20
+20
mV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
RESO12
resolution
12
12
Bits
tSET
settling time
to within 0.5 LSB
2.0
µs
VrefHighHG
output voltage @ code 7FF code written to register #8
2.382
2.482
2.582
V
VrefHighLG
output voltage @ code 7FF code written to register #7
1.652
1.732
1.852
V
VrefMiddle
output voltage @ code 000
1.422
1.482
1.542
V
VrefLowLG
code written to register #7
1.192
1.232
1.272
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com