Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5345HT Datasheet(PDF) 37 Page - NXP Semiconductors

Part # TDA5345HT
Description  5 V spindle & VCM driver combo
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5345HT Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button TDA5345HT Datasheet HTML 33Page - NXP Semiconductors TDA5345HT Datasheet HTML 34Page - NXP Semiconductors TDA5345HT Datasheet HTML 35Page - NXP Semiconductors TDA5345HT Datasheet HTML 36Page - NXP Semiconductors TDA5345HT Datasheet HTML 37Page - NXP Semiconductors TDA5345HT Datasheet HTML 38Page - NXP Semiconductors TDA5345HT Datasheet HTML 39Page - NXP Semiconductors TDA5345HT Datasheet HTML 40Page - NXP Semiconductors TDA5345HT Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
1999 June 10
37
Philips Semiconductors
Preliminary specification
5 V spindle & VCM driver combo
TDA5345HT
3-4 Spindle Pll Charge Pump (assuming that Resistor @ pin RefCurRes is exactly 33 k
Ω)
3-5 back-EMF comparator
4. VCM circuits
4-1 VCM driver
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Ich/disch00
charge/discharge current
PllCur[1, 0] = “00”
0.212
0.25
0.287
µA
Ich/disch01
charge/discharge current
PllCur[1, 0] = “01”
0.425
0.5
0.575
µA
Ich/disch10
charge/discharge current
PllCur[1, 0] = “10”
0.612
0.72
0.828
µA
Ich/disch11
charge/discharge current
PllCur[1, 0] = “11”
0.808
0.95
1.09
µA
SYMCur
chargedischarge currents
symetry
0.93
1.07
rise/Fall time
GbD
1
2
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
Unit
VOSen
comparator offset
start up mode
1
8
15
mV
VOSdis
comparator offset
running mode
-5
0
5
mV
VCT
center tap bias voltage
biasCt = ‘1’ or PorN = ‘0’
SpinRect
Bemf/2
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
RDSon
total FET resistance
(I VCM= 400 mA)
1.5
Ω
IOS
output offset current
DAC12 = “00000000000”
& RSense = 1 Ω
-10
+10
mA
IMax+400
maximum positive current
high Gain, without offset
384
400
416
mA
IMax-400
maximum negative current
high Gain, without offset
-416
-400
-384
mA
IMax+100
maximum positive current
low Gain, without offset
92.5
98.5
102.5
mA
IMax-100
maximum negative current
low Gain, without offset
-102.5
-98.5
-92.5
mA
Lin
transconductance linearity
3 different sections
measured
-3
+3
%
IQUIES
quiescent current
2 legs of the H-bridge
3.4
15
mA
VVcmVdd5Div2
reference voltage accuracy Ref = Vdd5/2
-3
+3
%
GPD
power driver gain
4.8
4.95
5.1
V/V
DISTO
crossover distortion
GbD
0
Vfbmax
max voltage on Vcm+ or
Vcm-
positive fly-back, I<100 mA
Vdd5+
0.1
Vdd5+
0.2
Vdd5+
0.3
V
Vfbmin
min voltage on Vcm+/-
negative fly-back,
I<100 mA
-0.3
-0.2
-0.1
V
VRetRefSR
retract circutry ref voltage
slow retract mode
110
125
140
mV
VRetRefFP
retract circutry ref voltage
full power retract mode
220
250
280
mV
VRetLim
retract voltage limitation
full power retract mode
2.45
2.8
3.14
V
RRetTot
total mos resistance in
retract mode
spinRectBemf >= 2.5 V
GbD
3.5
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com