Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5345HT Datasheet(PDF) 33 Page - NXP Semiconductors

Part # TDA5345HT
Description  5 V spindle & VCM driver combo
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5345HT Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button TDA5345HT Datasheet HTML 29Page - NXP Semiconductors TDA5345HT Datasheet HTML 30Page - NXP Semiconductors TDA5345HT Datasheet HTML 31Page - NXP Semiconductors TDA5345HT Datasheet HTML 32Page - NXP Semiconductors TDA5345HT Datasheet HTML 33Page - NXP Semiconductors TDA5345HT Datasheet HTML 34Page - NXP Semiconductors TDA5345HT Datasheet HTML 35Page - NXP Semiconductors TDA5345HT Datasheet HTML 36Page - NXP Semiconductors TDA5345HT Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
1999 June 10
33
Philips Semiconductors
Preliminary specification
5 V spindle & VCM driver combo
TDA5345HT
QUICK REFERENCE DATA
ORDERING INFORMATION
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note to the limiting values:
1. Stress beyond these levels may cause permanent damage to the device. This is a stress rating only and functional
operation of the device under this condition is not implied.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply voltage
VDD5A/D
+5 V supply voltage
4.5
5.0
5.5
V
Voice coil motor driver
Iout
maximum VCM output current
−
400
mA
RDSon
VCM power MOS total on
resistance
Tj = 140 °C
VDD5 = 4.5 V
−−
1.5
Ω
Spindle motor driver
Iout_StartUp
maximum spindle output current
start-up
-
620
mA
Iout_Brake
spindle output current
Brake
-
-
1.5
A
RDSon
spindle power MOS total on
resistance
Tj = 140 °C
VDD5 = 4.5 V
-
-
1.5
Ω
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA5345HT
TQFP64
plastic low profile quad flat package; 64 leads;
body 10 x 10 x 1.2 mm
SOT 357BB6
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD5A/D
+5 V supplies
indefinite time period
- 0.3
5.5
V
VDD5A/D
+5 V supplies
see note1
-0.3
7
V
VPeakVCM
VCM drive output voltage
Inductance connected to
VCM+ and VCM-
−0.5
VDD5 + 0.5
V
IPeakVCM
VCM drive output peak
current
peak < 0.5 s
1.0
A
VPeakSpin
spindle drive output voltage
Inductance connected to
SpinMotA, B & C.
-0.5
VDD5 + 0.5
V
IPeakSpin
spindle drive output peak
current
peak < 0.5 s
2.0
A
Vi
other pins
I < 1 mA
-0.5
VDD5 + 0.5
V
Ptot
total Power dissipation
1.1
W
Tstor
IC storage temperature
−55
+125
°C
Tj(max)
junction temperature
−
+140
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com