Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5345HT Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TDA5345HT
Description  5 V spindle & VCM driver combo
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5345HT Datasheet(HTML) 1 Page - NXP Semiconductors

  TDA5345HT Datasheet HTML 1Page - NXP Semiconductors TDA5345HT Datasheet HTML 2Page - NXP Semiconductors TDA5345HT Datasheet HTML 3Page - NXP Semiconductors TDA5345HT Datasheet HTML 4Page - NXP Semiconductors TDA5345HT Datasheet HTML 5Page - NXP Semiconductors TDA5345HT Datasheet HTML 6Page - NXP Semiconductors TDA5345HT Datasheet HTML 7Page - NXP Semiconductors TDA5345HT Datasheet HTML 8Page - NXP Semiconductors TDA5345HT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
DATA SHEET
Preliminary specification
1999 June 10
INTEGRATED CIRCUITS
TDA5345HT
5 V spindle & VCM driver combo


Similar Part No. - TDA5345HT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5340 INFINEON-TDA5340 Datasheet
2Mb / 63P
High Sensitivity Multi-Channel Transceiver
Revision 1.2, 13.06.2012
logo
NXP Semiconductors
TDA5341 PHILIPS-TDA5341 Datasheet
169Kb / 28P
Brushless DC motor and VCM drive circuit with speed control
1997 Jul 10
TDA5341G PHILIPS-TDA5341G Datasheet
169Kb / 28P
Brushless DC motor and VCM drive circuit with speed control
1997 Jul 10
More results

Similar Description - TDA5345HT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6260 STMICROELECTRONICS-L6260 Datasheet
305Kb / 30P
4.5 – 5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO?셎
November 1996
L7250 STMICROELECTRONICS-L7250 Datasheet
478Kb / 46P
5V & 12V SPINDLE AND VCM MOTORS DRIVER
Jul-2001
logo
Vishay Siliconix
SI9993CS VISHAY-SI9993CS Datasheet
419Kb / 16P
12-V VCM/Spindle Motor Driver for Large Capacity HDD
05-Apr-99
logo
Hitachi Semiconductor
HA13557AFH HITACHI-HA13557AFH Datasheet
120Kb / 28P
Combo (Spindle & VCM) Driver
HA13561F HITACHI-HA13561F Datasheet
114Kb / 26P
Combo (Spindle & VCM) Driver
HA13566AF HITACHI-HA13566AF Datasheet
83Kb / 20P
Combo (Spindle & VCM) Driver
HA13571FR HITACHI-HA13571FR Datasheet
103Kb / 22P
Combo (Spindle & VCM) Driver for HDD
HA13614FH HITACHI-HA13614FH Datasheet
122Kb / 26P
Combo (Spindle & VCM) Driver
logo
List of Unclassifed Man...
LD7000 ETC-LD7000 Datasheet
29Kb / 2P
Spindle/VCM Controller and Pre-driver
logo
STMicroelectronics
L7220 STMICROELECTRONICS-L7220 Datasheet
79Kb / 4P
Disk drive spindle and VCM motor driver
24-Dec-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com