Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5345HT Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA5345HT
Description  5 V spindle & VCM driver combo
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5345HT Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA5345HT Datasheet HTML 7Page - NXP Semiconductors TDA5345HT Datasheet HTML 8Page - NXP Semiconductors TDA5345HT Datasheet HTML 9Page - NXP Semiconductors TDA5345HT Datasheet HTML 10Page - NXP Semiconductors TDA5345HT Datasheet HTML 11Page - NXP Semiconductors TDA5345HT Datasheet HTML 12Page - NXP Semiconductors TDA5345HT Datasheet HTML 13Page - NXP Semiconductors TDA5345HT Datasheet HTML 14Page - NXP Semiconductors TDA5345HT Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
1999 June 10
11
Philips Semiconductors
Preliminary specification
5 V spindle & VCM driver combo
TDA5345HT
Table 2
Serial Interface REGISTERS floorplan
Note:
1. [1] (or [0]) means that the bit is set to 1 (or 0) when PorN is low => default value at power up.
2. Use register 7 (Dac12a) for low VCM loop gain and register 8 (Dac12b) for high gain.
Control bits:
REGISTER #0:
Bits [11, 9] (RegNegClk[2, 0]): The Negative supply (-3V) regulator needs a 500 kHz clock. A programmable divider
genreates this frequency from the external clock ([15-33] Mhz). Programmation is on 3 bits.
Bits [8, 7] (PrescFactor[1, 0]): used to select the prescaler division factor (see next section: “commutation control”).
Bit 6 (BiasCT): used to bias the spindle centre tap at Vdd5/2 when the spindle outputs are disabled (Run/Stop = 0). The
back-EMF comparator remains operational when BiasCT = 1, to check if the spindle is running for instance.
Bit 5 (Run/Stop): after the power supply is turned on and PorN is high, the motor will start spinning when Run/Stop is
set to ‘1’. The spindle power output starts from state code 0 (see table 3). The motor will stop when this bit is set to ‘0’.
The 3 spindle power outputs are then switched off. No brake is applied.
bit 4 (PllEnable): enables the PLL to improve the speed accuracy.
Bit 3 (Manual): selects the manual commutation mode (Run/Stop bit also needs to be high). When getting out of the
manual mode (=> Manual = ‘0’) and keeping the Run/Stop bit high, the internal commutation block will start from the last
state programmed in manual mode.
Bits [2, 0] (ManCom[2, 0]): control the commutation in manual mode when Run/Stop = 1 & Manual = 1.
BIT\
REG
11
10
987
6
5
43210
0
RegNeg
Clk2
[0]
RegNeg
Clk1
[1]
RegNeg
Clk0
[0]
Presc
Factor1
[0]
Presc
Factor0
[0]
BiasCT
[0]
Run/
Stop
[0]
Pll
Enable
[0]
Manual
[0]
Man
Com2
Man
Com1
Man
Com0
1
StartUp
Delay3
StartUp
Delay2
StartUp
Delay1
StartUp
Delay0
ComDe
Lim3
ComDe
Lim2
ComDe
Lim1
ComDe
Lim0
Watch
Dog3
Watch
Dog2
Watch
Dog1
Watch
Dog0
2
Blank
Delay3
Blank
Delay2
Blank
Delay1
Blank
Delay0
DigOut
Mux
[1]
BdGap
Adj2
[0]
BdGap
Adj1
[0]
BdGAp
Adj0
[0]
VcmRet
SoftRis
Vretract
2
Vretract
1
Vretract
0
3
T_Full
Power2
T_Full
Power1
T_Full
Power0
T_Slow
Ret5
T_Slow
Ret4
T_Slow
Ret3
T_Slow
Ret2
T_Slow
Ret1
T_Slow
Ret0
T_Vcm
Brake2
T_Vcm
Brake1
T_Vcm
Brake0
4
FlyBack
Slope1
FlyBack
Slope0
Shock
Thresh1
Shock
Thresh0
Vcm
Retract
[0]
Vcm
Sleep
[1]
Dac12
Sleep
[1]
RegNeg
Sleep
[1]
Shock
Sleep
[1]
Spin
Sleep
[1]
Reg3v3
Enable
[0]
Temp
Select
[0]
5
Speed
bit14
Speed
bit13
Speed
bit12
PllCur
1
PllCur
0
Dac6
ToVCM
[0]
Dac6
bit5
Dac6
bit4
Dac6
bit3
Dac6
bit2
Dac6
bit1
Dac6
bit0
6
Speed
bit11
Speed
bit10
Speed
bit9
Speed
bit8
Speed
bit7
Speed
bit6
Speed
bit5
Speed
bit4
Speed
bit3
Speed
bit2
Speed
bit1
Speed
bit0
7
Dac12a
bit11
Dac12a
bit10
Dac12a
bit9
Dac12a
bit8
Dac12a
bit7
Dac12a
bit6
Dac12a
bit5
Dac12a
bit4
Dac12a
bit3
Dac12a
bit
Dac12a
bit1
Dac12a
bit0
8
Dac12b
bit11
Dac12b
bit10
Dac12b
bit9
Dac12b
bit8
Dac12b
bit7
Dac12b
bit6
Dac12b
bit5
Dac12b
bit4
Dac12b
bit3
Dac12b
bit2
Dac12b
bit1
Dac12b
bit0
9
Shock
Thresh2
[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com