Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5345HT Datasheet(PDF) 29 Page - NXP Semiconductors

Part # TDA5345HT
Description  5 V spindle & VCM driver combo
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5345HT Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button TDA5345HT Datasheet HTML 25Page - NXP Semiconductors TDA5345HT Datasheet HTML 26Page - NXP Semiconductors TDA5345HT Datasheet HTML 27Page - NXP Semiconductors TDA5345HT Datasheet HTML 28Page - NXP Semiconductors TDA5345HT Datasheet HTML 29Page - NXP Semiconductors TDA5345HT Datasheet HTML 30Page - NXP Semiconductors TDA5345HT Datasheet HTML 31Page - NXP Semiconductors TDA5345HT Datasheet HTML 32Page - NXP Semiconductors TDA5345HT Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
1999 June 10
29
Philips Semiconductors
Preliminary specification
5 V spindle & VCM driver combo
TDA5345HT
The PorN output can also be driven by the retract sequence manager:
If there is a power supply failure at the sequence start-up or during the sequence, PorN will be kept low during all the
programmed sequence, what ever the supply is restored or not.
Caution !!
It is not allowed to wake the VCM up ( VcmSleep = ‘0’’) if the spindle is not on speed, because a retract sequence would
start on a power supply failure without any clock (generated from the spindle back-EMF). PorN would be maintained low
by the retract manager, waiting for clock pulses.
Fig.23 Glitch detector timing
t
Supply
∆V
Tc
t
t
PorN
Por5Adj signal
Vref=1.23V
with a capacitor
5V
0V
VCM-
FCK136
Tc
PorN
Vdd5
4.1V
Fig.23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com