Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5345HT Datasheet(PDF) 19 Page - NXP Semiconductors

Part # TDA5345HT
Description  5 V spindle & VCM driver combo
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5345HT Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button TDA5345HT Datasheet HTML 15Page - NXP Semiconductors TDA5345HT Datasheet HTML 16Page - NXP Semiconductors TDA5345HT Datasheet HTML 17Page - NXP Semiconductors TDA5345HT Datasheet HTML 18Page - NXP Semiconductors TDA5345HT Datasheet HTML 19Page - NXP Semiconductors TDA5345HT Datasheet HTML 20Page - NXP Semiconductors TDA5345HT Datasheet HTML 21Page - NXP Semiconductors TDA5345HT Datasheet HTML 22Page - NXP Semiconductors TDA5345HT Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
1999 June 10
19
Philips Semiconductors
Preliminary specification
5 V spindle & VCM driver combo
TDA5345HT
When the 6-bit DAC is used for the spindle, the LSB current is set externally, by means of a 33 k
Ω resistor (to have a
very good absolute accuracy). The Spindle Current limit is then set by 31 steps of 20 mA. Please note that only the
positive codes of the 6-bit DAC can be used, so only (25 - 1) = 31 steps can be defined.
Table 8
Spindle Start-up current limit according to the spindle 6-bit DAC code :
When the 6-bit DAC is used for the VCM section, the LSB current is set by an internal resitor to have a good matching
with the 2 internal resistors used to set the VCM loop Gain. The VCM current offset is set by steps of :
(4)
Table 9
VCM current offset according to the spindle 6-bit DAC code (assuming that RSense = 1 Ω, 1 LSB = 1.613 mA) :
VCM driver
The VCM is a linear, AB class type with both low-side and high-side drivers configured as a H-bridge. The zero-current
reference voltage for the VCM loop is internally set at Vdd5/2=2.5 V. The sense resistor Rsense enables the VCM current
to be measured through the sense amplifier. The gain of the sense amplifier is internally set to typically 3. The output
VcmSenseOut is given by the following equation:
(5)
Figure 14 presents the VCM sense amplifier.
INPUT CODE
SPINDLE START-UP CURRENT
000000
0 mA
000001
20 mA
011111
620 mA
INPUT CODE
VCM OFFSET CURRENT
011111
+50 mA
000000
0
µA
1111111
-1.613 mA
100001
-50 mA
100000
-50 mA
I
VCMOffset LSB
()
1.613 10
3
–
⋅
R
Sense
------------------------------- A
( )
=
VcmSenseOut
3
VcmSenseInP
VcmSenseInM
–
(
) VcmRef
+
×
=
IVCM
VcmSenseInP
VcmSenseInM
+
-
Fig.11 VCM sense amplifier
R
R
3R
3R
VcmRef
R = 10 k
Ω
23
22
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com