Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5345HT Datasheet(PDF) 39 Page - NXP Semiconductors

Part # TDA5345HT
Description  5 V spindle & VCM driver combo
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5345HT Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button TDA5345HT Datasheet HTML 35Page - NXP Semiconductors TDA5345HT Datasheet HTML 36Page - NXP Semiconductors TDA5345HT Datasheet HTML 37Page - NXP Semiconductors TDA5345HT Datasheet HTML 38Page - NXP Semiconductors TDA5345HT Datasheet HTML 39Page - NXP Semiconductors TDA5345HT Datasheet HTML 40Page - NXP Semiconductors TDA5345HT Datasheet HTML 41Page - NXP Semiconductors TDA5345HT Datasheet HTML 42Page - NXP Semiconductors TDA5345HT Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
1999 June 10
39
Philips Semiconductors
Preliminary specification
5 V spindle & VCM driver combo
TDA5345HT
4-6 VCM offset current using DAC 6
5. Others features
5-1 Power-On-Reset circuit:
5-2 Low voltage monitor circuit:
VClampOutL
output voltage @ code 800 code written to register #8
0.462
0.482
0.502
V
INL12
integral non-linearity
-5
+5
LSB
DNL12
differential non-linearity
-0.5
+0.5
LSB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
Unit
RESO6
resolution
6
6
Bits
tSetFull
settling time, full range
GbD
2.0
µs
tSetLSB
settling time, 1 LSB
GbD
1.0
µs
IOffFullPos
full scale positive current
45
50
55
mA
IOffFullNeg
full scale negative current
-55
-50
-45
mA
INL6
integral non-linearity
-1
+1
LSB
DNL6
differential non-linearity
-0.5
+0.5
LSB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VT5
threshold voltage level for
the 5 V supply.
3.98
4.1
4.22
V
VH5
5 V detection hysteresis
80
110
140
mV
RL5
resistor between Por5Adj
and GND
54
k
Ω
RATIO5v
por5Adj resistors ratio
Ratio5 = RL5 / (RL5 + RH5)
0.3
iCPOR
por cap current charge
2.4
µA
VOP
minimum operating voltage GbD
0.5
V
VOL
low level output voltage
IL = 1 mA
0.5
V
RPU
pull up resistor
between Vdd5 & PorN
14
20
26
k
Ω
tRES
response time
0.5
1
µs
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VFAULT
fault detect voltage
4.08
4.2
4.32
V
VHfault
fault detection hysteresis
70
100
130
mV
tRES
response time
0.5
1
µs
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com