Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5345HT Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA5345HT
Description  5 V spindle & VCM driver combo
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5345HT Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA5345HT Datasheet HTML 14Page - NXP Semiconductors TDA5345HT Datasheet HTML 15Page - NXP Semiconductors TDA5345HT Datasheet HTML 16Page - NXP Semiconductors TDA5345HT Datasheet HTML 17Page - NXP Semiconductors TDA5345HT Datasheet HTML 18Page - NXP Semiconductors TDA5345HT Datasheet HTML 19Page - NXP Semiconductors TDA5345HT Datasheet HTML 20Page - NXP Semiconductors TDA5345HT Datasheet HTML 21Page - NXP Semiconductors TDA5345HT Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
1999 June 10
18
Philips Semiconductors
Preliminary specification
5 V spindle & VCM driver combo
TDA5345HT
Spindle current loop
The spindle current ISpin is sensed by internal current mirrors and copied to an internal resistor RSpinLoopGain. The current
loop input is controlled by the internal FLL/PLL speed loop. The transconductance is defined by the following formula
(see Fig.3) :
(1)
The spindle current loop bandwidth is given by the following formula : (gm means transconductance : di/dv)
(2)
where the typical values for gmOTA and gmNMOS are : gmOTA = 50 µA/V & gmNMOS = 2.62 x Sqrt(ISpin) A/V
BWSpinCurLoop should be kept <= 20 kHz, whatever the current. Take care of the fact that the higher the current, the higher
the BandWidth => the bandwidth is maximum at Start-Up.
To make sure that the OTA output is 0V when Run/Stop bit = ‘0’, a 30 mV (typ.) offset is introduced inside the OTA. By
this way, we make sure that SpinCompens external capacitor is kept discharged until the next start-up.
Spindle FLL/PLL speed loop :
An internal speed loop is provided, intended to work with 12 poles spindle motors. It is mainly composed of a Frequency
Locked Loop. A Phase Locked Loop can be associated when bit 9 in register #5 (PllOn/Off) is ‘1’. The typical FLL charge
pump current is 500
µA while the typical PLL charge pump current is given in table 7 :
Table 7
PLL charge pump typical current (PllCur[1,0] are bits 8 & 7 in register #5):
A 15-bit division factor (Speed[14, 0]) is used to set the required speed split in bits [11, 9] in register #5 and bits [11, 0]
in register #6:
The Speed[14, 0] division factor can be calculated by :
(3)
Where CLOCK is between 10 MHz and 33 MHz.
When the spindle is not running (Run/Stop = ‘0’) the FLL charge pump discharge current is active so that the external
filter is discharged before the next start-up. When the spindle is running (Run/Stop = ‘1’), the speed can be continuously
monitored on pin SpinMechClock (1 pulse per revolution / 50% duty cycle waveform).
SPINDLE / VCM 6-bit current DAC:
An internal 6-bit current DAC is used to limit the spindle start-up current (bit 6 in register #5 : Dac6ToVcm = ‘0’) or to
cancel the VCM loop offset ( Dac6ToVcm = ‘1’).
PLLCUR[1,0]
PLL CH. PUMP CURRENT
00
0.25
µA
01
0.5
µA
10
0.75
µA
11
1
µA
G
Spin
A
( )
V
( )
⁄
[]
∆I
Spin
∆V
SpinSpeedFilter
---------------------------------------------
530
R
SpinLoopGain
------------------------------------
530
1700
Ω
------------------
312mA V
⁄
=
=
==
BW
SpinCurLoop
gm
OTA
R
SpinLoopGain
530
------------------------------------
×
gm
NMOS
×
2
π
⋅
C
×
SpinCompens
--------------------------------------------------------------------------------------------
65.5 10
6
–
⋅
I
Spin
C
SpinCompens
------------------------------------
×
=
=
Speed 14 0
,
[]
5
3
---
CLOCK
SpindleSpeed rpm
()
-------------------------------------------------------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com