Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5345HT Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TDA5345HT
Description  5 V spindle & VCM driver combo
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5345HT Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TDA5345HT Datasheet HTML 22Page - NXP Semiconductors TDA5345HT Datasheet HTML 23Page - NXP Semiconductors TDA5345HT Datasheet HTML 24Page - NXP Semiconductors TDA5345HT Datasheet HTML 25Page - NXP Semiconductors TDA5345HT Datasheet HTML 26Page - NXP Semiconductors TDA5345HT Datasheet HTML 27Page - NXP Semiconductors TDA5345HT Datasheet HTML 28Page - NXP Semiconductors TDA5345HT Datasheet HTML 29Page - NXP Semiconductors TDA5345HT Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
1999 June 10
26
Philips Semiconductors
Preliminary specification
5 V spindle & VCM driver combo
TDA5345HT
The first amplifier gain is given by : G = Cgain/Csensor. It has to be set so that the sensor voltage sensitivity becomes
220
µV/G on the 1 st stage output.
The 2nd amplifier stage gain is internally set to 16.3. The 3rd amplifier stage gain is internally set to 20. The external
capacitor Ccom and RHPF have to be chosen so that : Ccomx20 kΩ = CgainxRHPF. This time constant makes the input high
pass filter pole. The internal RC low pass filter pole is 8 kHz typical. The window of the comparator input (ShockCompInP)
is programmable through the serial interface. The values are given in the following table:
Table 16 Window comparator threshold versus ShockThresh[1:0] (bits [9,8] in register #4):
Temperature monitor:
The TDA5345HT includes an analog circuitry that monitors the junction temperature.
Figure 25 shows its diagram:
SHOCKTHRESH[1:0]
WINDOW
2ND STAGE INPUT
SENSITIVITY
000
74 mV
227
µV
001
148 mV
454
µV
010
222 mV
681
µV
011
296 mV
908
µV
100
370 mV
1.135 mV
101
444 mV
1.362 mV
110
518 mV
1.589 mV
111
592 mV
1.816 mV
Fig.18 Shock sensor control circuitry
ShockCompOut
ShockFiltOut
ShockInput
ShockCom
Window
comparator
programmable
threshold
Shock Sensor
(ext.)
R
C
ShockRef
Ccom
Csensor
+
-
380k
Ω
20k
Ω
Amplifier x20
+
-
Cgain
RHPF
2V
ShockAmpOut
+
-
Amplifier x16.3
1
2
3
4
(50)
(55)
(54)
(51)
(53)
(52)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com