Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5345HT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA5345HT
Description  5 V spindle & VCM driver combo
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5345HT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA5345HT Datasheet HTML 2Page - NXP Semiconductors TDA5345HT Datasheet HTML 3Page - NXP Semiconductors TDA5345HT Datasheet HTML 4Page - NXP Semiconductors TDA5345HT Datasheet HTML 5Page - NXP Semiconductors TDA5345HT Datasheet HTML 6Page - NXP Semiconductors TDA5345HT Datasheet HTML 7Page - NXP Semiconductors TDA5345HT Datasheet HTML 8Page - NXP Semiconductors TDA5345HT Datasheet HTML 9Page - NXP Semiconductors TDA5345HT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
1999 June 10
6
Philips Semiconductors
Preliminary specification
5 V spindle & VCM driver combo
TDA5345HT
SCLK
41
serial port Clock
I
SEN_N
42
serial port ENABLE line: active low
I
SpinMechClock
43
spindle rotation speed (1 pulse / revolution)
O
SpinDigOut
44
spindle back-EMF comparator output or commutation clock
O
RetReset
45
external capacitor used to reset the retract sequence state machine
I
RegNPNBase
46
3v3 DC-DC converter output (drives an external NPN)
O
RegSense
47
3v3 DC-DC converter input
I
GndDig
48
digital ground
GROUND
VcmDacOut
49
12-bit VCM DAC output
O
ShockRef
50
shock sensor reference voltage
O
ShockFiltOut
51
shock sensor RC low pass filter output
O
ShockCompOut
52
shock sensor comparator output
O
ShockCom
53
shock sensor input common mode
I
ShockAmpOut
54
shock sensor amplifier output
O
ShockInput
55
shock sensor input
I
Vdd5Ana2
56
analog power supply
SUPPLY
TempMux
57
internal thermal monitor circuitry voltage output
O
SpinSpeedFilter
58
external FLL/PLL speed loop filter
O
SpinCompens
59
spindle current loop compensation capacitor
O
BrakePower
60
external capacitor to supply the spindle brake at power down
I
SpinCenterTap
61
spindle centre tap connection
I
RetPmosDrain
62
retract Pmos transistor drain connection
O
IsoSwSo
63
spindle power outputs supply
SUPPLY
GNDAna3
64
analog ground
GROUND
SYMBOL
PIN #
DESCRIPTION
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com