Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5345HT Datasheet(PDF) 28 Page - NXP Semiconductors

Part # TDA5345HT
Description  5 V spindle & VCM driver combo
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5345HT Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button TDA5345HT Datasheet HTML 24Page - NXP Semiconductors TDA5345HT Datasheet HTML 25Page - NXP Semiconductors TDA5345HT Datasheet HTML 26Page - NXP Semiconductors TDA5345HT Datasheet HTML 27Page - NXP Semiconductors TDA5345HT Datasheet HTML 28Page - NXP Semiconductors TDA5345HT Datasheet HTML 29Page - NXP Semiconductors TDA5345HT Datasheet HTML 30Page - NXP Semiconductors TDA5345HT Datasheet HTML 31Page - NXP Semiconductors TDA5345HT Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
1999 June 10
28
Philips Semiconductors
Preliminary specification
5 V spindle & VCM driver combo
TDA5345HT
Power on reset
The Power On Reset circuit monitors the voltage level of +5 V supply voltage (pin named VddAna1).
The PorN output (pin #25) is set HIGH when the +5 V supply voltage arise above a specified voltage threshold plus an
hysteresis. This LOW to HIGH transition is delayed by a time TC that is determined by the external PorCap capacitor
(connected to pin #26).
This PorN output remains HIGH until +5 V supply drops below its voltage threshold. PorN output immediately becomes
LOW. A brake after retract is initiated and the digital section is reset while PorN remains LOW.
The CPorCap capacitor is charged by a constant current IPorCap. The voltage on PorCap pin is compared to the POR circuit
reference voltage VPorRef. The TC time is set then by the following equation:
(19)
The TC time value only depends on the external CPorCap capacitor value.
The value of the +5 V supply threshold voltage can be adjusted by adding an external resistor divider on the Por5Adj(28)
. Internally, pin is designed as it is described in figure 20.
It is advised to connect external capacitors on pins Por5Adj to filter the power supplies noise. See figure 21.
T
C
C
PorCap
V
PorRef
I
PorCap
-------------------
×
C
PorCap
1.23V
2 10
6
–
⋅
-------------------
×
C
PorCap
615 10
3
⋅
×
=
=
=
Fig.21 Power on reset timing
VDD
Vhysteresis
threshold
t
t
POR_N
1 V
Tc
Tc
VddAna1
Por5Adj
RL5
RH5
to the POR circuit
Fig.22 Por5vAdj pin
GndAna2
(32)
(24)
(28)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com