Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5345HT Datasheet(PDF) 35 Page - NXP Semiconductors

Part # TDA5345HT
Description  5 V spindle & VCM driver combo
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5345HT Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button TDA5345HT Datasheet HTML 31Page - NXP Semiconductors TDA5345HT Datasheet HTML 32Page - NXP Semiconductors TDA5345HT Datasheet HTML 33Page - NXP Semiconductors TDA5345HT Datasheet HTML 34Page - NXP Semiconductors TDA5345HT Datasheet HTML 35Page - NXP Semiconductors TDA5345HT Datasheet HTML 36Page - NXP Semiconductors TDA5345HT Datasheet HTML 37Page - NXP Semiconductors TDA5345HT Datasheet HTML 38Page - NXP Semiconductors TDA5345HT Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
1999 June 10
35
Philips Semiconductors
Preliminary specification
5 V spindle & VCM driver combo
TDA5345HT
ELECTRICAL CHARACTERISTICS
(Condition: VDD5 = 4.5-5.5 V; TAMB = 0-85 °C; unless otherwise specified); GBD means Guaranted by Design.
1. Supply current
1-1 Analog and power supply (pin 4, 14, 63, 24, 56together) when there is no current in spindle & VCM motors
1-2 digital supply (Vdd5Dig)
2. DIGITAL section
2-1 Inputs / Outputs (3.3 V regulator ENABLED !)
2-2 16-bit serial interface
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
Unit
ISleep
sleep current
all Sleep bits = ‘1’
1.1
mA
ISleep1
sleep mode 1 current
only Spindle is active
8.8
mA
ISleep2
sleep mode 2 current
only ShockSen is active
2.7
mA
ISleep3
sleep mode 3 current
only -3 V reg is active
8
mA
ISleep4
sleep mode 4 current
only DAC12 is active
4.4
mA
ISleep5
sleep mode 5 current
only DAC12 & VCM are
active
9
mA
ISupply
supply current
all sections are active
25.5
mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
Unit
ISleep
sleep current
spinSleep bits = ‘1’
56
µA/MHz
ISupply
supply current
spinSleep bits = ‘0’
78
µA/MHz
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VIH
high level input voltage
2.0
V
VIL
low level input voltage
0.8
V
VOH
high level output voltage
(IOUT = 100 µA)
V3v3-0.5
V
VOL
low level output voltage
(IOUT = 100 µA)
0.4
V
tr/f
rise/Fall time
C = 20 pF, GbD
20
ns
IIN
input leakage current
+/- 1
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT.
fSCLK
serial Clock
GbD
33
MHz
δSCLK
serial Clock duty cycle
GbD
30
50
70
%
trSCLK
serial Clock rise time
GbD
10
ns
tfSCLK
serial Clock fall time
GbD
10
ns
tSTART
chip Select to first Active
clock edge
GbD
TSCLK/2
ns
tSU
data to clock setup time
GbD
8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com