Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5345HT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA5345HT
Description  5 V spindle & VCM driver combo
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5345HT Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA5345HT Datasheet HTML 1Page - NXP Semiconductors TDA5345HT Datasheet HTML 2Page - NXP Semiconductors TDA5345HT Datasheet HTML 3Page - NXP Semiconductors TDA5345HT Datasheet HTML 4Page - NXP Semiconductors TDA5345HT Datasheet HTML 5Page - NXP Semiconductors TDA5345HT Datasheet HTML 6Page - NXP Semiconductors TDA5345HT Datasheet HTML 7Page - NXP Semiconductors TDA5345HT Datasheet HTML 8Page - NXP Semiconductors TDA5345HT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
1999 June 10
2
Philips Semiconductors
Preliminary specification
5 V spindle & VCM driver combo
TDA5345HT
FEATURES
• Single chip voice coil and spindle motor drivers:
• Complementary outputs (Nmos & Pmos): No step-up converter needed
• On-chip isolation switch to allow synchronous rectification at power-down
• Suited for ramp load operation
• Register based architecture: on-chip serial interface
• Temperature shut down protection
• Linear 3.3 V regulator using one external NPN transistor
• Power monitor circuitrymonitoring the 5 V supply
• 1 axis shock sensor amplifier
• Switched capacitor regulator (-3 V) using 2 external capacitors and 2 external shottky diodes
• All main internal functions can be independently put in Sleep mode
• Small low profile package: TQFP64 (1.2 mm high).
Spindle motor driver:
• High efficiency drivers: 1.5 Ω Max
• 0.62 Amp capability, full wave (bipolar) drive
• Internal current mirrors to measure the motor curren
• Controlled fly-back pulse slopes, programmable through the serial interface
• Active fly-back pulse limitation, using the Power MOS instead of diodes
• Internal digital timing to control the commutations by back-EMF sensing (Start-up & running)
• Internal speed loop combining FLL and PLL
• Start-up current control by an internal 6-bit DAC (shared with the VCM loop).
Voice coil motor (VCM) driver:
• High efficiency drivers: 1.5 Ω Max (without the external sense resistor); 0.4 Amp capability
• External sense resistor to accurately control the VCM current
• True AB Class linear amplifier with no crossover distortion
• Internal 12-bit DAC to control the VCM transconductance input voltage
• Internal 6-bit DAC to cancel the VCM loop offsets
• Active fly-back pulse limitation, using the Power transistors instead of diodes
• 3-step programmable retract function activated by either the serial port or the power monitor circuitry
• Back-EMF amplifier to monitor the actuator speed when ramp loading.
Power Monitor:
• Monitors the 5 V power supply
• Power fault output (battery too low); threshold = 4.2 V
• Power on Reset output; threshold = 4.1 V (Vdd5)
• Threshold accuracy: +/-3%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com