Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5345HT Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TDA5345HT
Description  5 V spindle & VCM driver combo
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5345HT Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TDA5345HT Datasheet HTML 8Page - NXP Semiconductors TDA5345HT Datasheet HTML 9Page - NXP Semiconductors TDA5345HT Datasheet HTML 10Page - NXP Semiconductors TDA5345HT Datasheet HTML 11Page - NXP Semiconductors TDA5345HT Datasheet HTML 12Page - NXP Semiconductors TDA5345HT Datasheet HTML 13Page - NXP Semiconductors TDA5345HT Datasheet HTML 14Page - NXP Semiconductors TDA5345HT Datasheet HTML 15Page - NXP Semiconductors TDA5345HT Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
1999 June 10
12
Philips Semiconductors
Preliminary specification
5 V spindle & VCM driver combo
TDA5345HT
Table 3
Spindle power output states according to ManCom0, ManCom1, ManCom2 bit values.
REGISTER #1
bit [11, 8] (StartUp[3, 0]): programmable delay used to detect if the spindle is standing still at start-up.
bit [7, 4] (ComDeLim[3, 0]): Used to set a default value for the spindle commutation delay.
bit [3, 0] (WatchDog[3; 0]): programmable delay used to detect if the spindle is running backward at star-up.
REGISTER #2
bit [11, 8] (BlankDelay[3, 0]): programmable delay used to blank the first edge of the spindle inductive fly-backs.
bit 7 (DigOutMux): SpinDigOut pin is the commutation clock when DigOutMux = ‘1’ else back-EMF comparator output.
bit [6, 4] (BdGapAdj[2, 0]): used to adjust the internal BandGap reference voltage to improve several parameters.
bit 3 (VcmRetSoftRising): Enables the digital soft rising slope on the “full power retract” step.
bit [2, 0] (Vretract[2; 0]): used to program the VcmMinus output voltage during the “soft retract” step.
REGISTER #3
bit [11, 9] (T_FullPower[2, 0]): used to program how much time the full power retract step is applied.
bit [8, 3] (T_SlowRetract[5, 0]): used to program how much time the slow retract step is applied.
bit [2, 0] (T_VcmBrake[2, 0]): used to program how much time the VCM brake step is applied.
REGISTER #4
bit [11, 10] (FlyBackSlope[1, 0]): used to program the fly-back pulse leading edge slew rate.
bit [9, 8] (ShockThresh[1, 0]): set the shock sensor threshold value.
bit 7 (VcmRetract): activates a VCM retract when VcmRetract = ‘1’.
bit 6 (VcmSleep): puts the VCM section (except the VCM sense amplifier and the VCM 12-bit DAC) in sleep mode when
VcmSleep = ‘1’.
bit 5 (DAC12Sleep): puts the VCM 12-bit DAC & the VCM sense amplifier in sleep mode when Dac12Sleep = ‘1’.
bit 4 (RegNegSleep): puts the -3 V regulator in sleep mode when RegNegSleep = ‘1’.
bit 3 (ShockSleep): puts the Shock sensor section in sleep mode when ShockSleep = ‘1’.
bit 2 (SpinSleep): puts the Spindle section in sleep mode when SpinSleep = ‘1’ ; SpinMotA, B, C are floating then.
bit 1 (Reg3v3Enable): Enables the internal 3.3 V regulator when bit 1= ‘1’.
MANCOM[2]
MANCOM[1]
MANCOM[0]
SPINMOT A
SPINMOT B
SPINMOT C
STATE CODE
0
0
0
low
high
float
0
0
0
1
low
float
high
1
0
1
1
float
low
high
2
1
1
1
high
low
float
3
1
1
0
high
float
low
4
1
0
0
float
high
low
5
1
0
1
low
low
low
6 (brake)
0
1
0
high
low
high
7 (tripolar)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com