Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5345HT Datasheet(PDF) 27 Page - NXP Semiconductors

Part # TDA5345HT
Description  5 V spindle & VCM driver combo
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5345HT Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button TDA5345HT Datasheet HTML 23Page - NXP Semiconductors TDA5345HT Datasheet HTML 24Page - NXP Semiconductors TDA5345HT Datasheet HTML 25Page - NXP Semiconductors TDA5345HT Datasheet HTML 26Page - NXP Semiconductors TDA5345HT Datasheet HTML 27Page - NXP Semiconductors TDA5345HT Datasheet HTML 28Page - NXP Semiconductors TDA5345HT Datasheet HTML 29Page - NXP Semiconductors TDA5345HT Datasheet HTML 30Page - NXP Semiconductors TDA5345HT Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
1999 June 10
27
Philips Semiconductors
Preliminary specification
5 V spindle & VCM driver combo
TDA5345HT
The device is protected against over-temperature by the temperature shutdown circuit. When the temperature of the chip
exceeds 160
°C, the device is automatically set to a VCM retract and a spindle disable mode. It remains in this mode
until the temperature goes below 160
°C - 30 °C = 130 °C (30 °C is an internal hysteresis).
During normal operation, the signal TempMux provides either a voltage that is function of the chip temperature when
TempSelect = ‘1’ or a digital warning when TempSelect = ‘0’.
When the analog information is selected, the equation of the voltage versus the temperature is:
(18)
When the digital information is selected, you get a temperature warning on pin TempMux (57). If the internal temperature
over passes 145
°C, TempMux = ‘1’ and remains high until the temperature comes below 130 °C (see Fig.19).
IT IS STRONGLY ADVISED TO USE THE TempMux INFORMATION (analog or digital) TO GENERATE EMERGENCY
PROCEDURES INSTEAD OF WAITING FOR THE TEMPERATURE SHUT DOWN MODE TO TRIGGER. The
temperature shut down has to considered as an ultimate self-protection.
Fig.19 Temperature monitor circuitry
TempMux
TempSelect
(bit 0, reg#3)
junction thermometer
Voltage
Converter
V160_Deg
V145_Deg
55
Temp shut
1
0
V
TempMux
2.954
7.55 10
3
–
⋅


Temperature
°C
(
)
×
–
=
Fig.20 VTempMux behaviour versus temperature (TempSelect = ‘1’)
130
145
TEMPERATURE (
°C)
VTempMux (V)
0
Vdd5
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com