Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5345HT Datasheet(PDF) 34 Page - NXP Semiconductors

Part # TDA5345HT
Description  5 V spindle & VCM driver combo
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5345HT Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button TDA5345HT Datasheet HTML 30Page - NXP Semiconductors TDA5345HT Datasheet HTML 31Page - NXP Semiconductors TDA5345HT Datasheet HTML 32Page - NXP Semiconductors TDA5345HT Datasheet HTML 33Page - NXP Semiconductors TDA5345HT Datasheet HTML 34Page - NXP Semiconductors TDA5345HT Datasheet HTML 35Page - NXP Semiconductors TDA5345HT Datasheet HTML 36Page - NXP Semiconductors TDA5345HT Datasheet HTML 37Page - NXP Semiconductors TDA5345HT Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
1999 June 10
34
Philips Semiconductors
Preliminary specification
5 V spindle & VCM driver combo
TDA5345HT
RECOMMANDED OPERATING CONDITIONS
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling MOS devices.
ESD according to MIL STD 883C - method 3015 (HBM 1 500
Ω, 100pF) 3 pulses (+) and 3 pulses (-) on each pin versus
ground - Class 1: 0 to 1 999 V
THERMAL RESISTANCE
This is obtained in a PCB tailored to heat dissipation : pin number 16, 32, 48, 64 have to be connected to a good ground
layer to improve the IC heat dissipation.
SYMBOL
PARAMETER
MIN
MAX
UNIT
VDDN
supply voltage
4.5
5.5
V
TAMB
operating ambient temperature
0
85
°C
TJUNC
junctiontemperature
0
140
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
from junction to ambient in free air (TQFP64, SOT 357BB6)
50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com