Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5345HT Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TDA5345HT
Description  5 V spindle & VCM driver combo
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5345HT Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TDA5345HT Datasheet HTML 18Page - NXP Semiconductors TDA5345HT Datasheet HTML 19Page - NXP Semiconductors TDA5345HT Datasheet HTML 20Page - NXP Semiconductors TDA5345HT Datasheet HTML 21Page - NXP Semiconductors TDA5345HT Datasheet HTML 22Page - NXP Semiconductors TDA5345HT Datasheet HTML 23Page - NXP Semiconductors TDA5345HT Datasheet HTML 24Page - NXP Semiconductors TDA5345HT Datasheet HTML 25Page - NXP Semiconductors TDA5345HT Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
1999 June 10
22
Philips Semiconductors
Preliminary specification
5 V spindle & VCM driver combo
TDA5345HT
(13)
Where:
(14)
and if you set:
(15)
you get:
(16)
(17)
VCM ramp unload sequence :
The VCM ramp unload sequence can be ordered by either the serial interface or by internal emergency procedures:
power down or temperature shut down. It will not start if VcmSleep bit is ‘1’, because the actuator is supposed to be
on the ramp already.
Three different states are programmable : first a VCM brake, second a VCM slow retract and then a VCM full power
retract.
In all cases, the spindle isolation switch is cut off. If the power transistors are still supplied, the VCM current will come
from the power supply, through the isolation switch parasitic diode. If the power transistors are no more supplied, the
VCM current will come from the spindle itself. It is used as a generator, thanks to its back-EMF.
When the sequence is initiated by a Power down detection, PorN signal will not go up until the end of the sequence.
Figure 14 shows the link created between the spindle and the VCM power structures to transfer the spindle energy to
the actuator :
VcmBemf
2
V
( cmPlus VcmSenseInM )
R1
R2
--------
R
Sense
I
VCM
×
×


+
–


×
VcmRef
+
=
V
VCM
VcmPlus
VcmSenseInM
–
(
)
–
=
R1
R2
--------
R
Sense
×
R
VCM
=
VcmBemf
2
–
V
VCM
R
VCM
I
VCM
×
–
(
)
×
=
VcmRef
+
VcmBemf
2
–
e
×
=
VcmRef
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com