Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5345HT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA5345HT
Description  5 V spindle & VCM driver combo
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5345HT Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA5345HT Datasheet HTML 1Page - NXP Semiconductors TDA5345HT Datasheet HTML 2Page - NXP Semiconductors TDA5345HT Datasheet HTML 3Page - NXP Semiconductors TDA5345HT Datasheet HTML 4Page - NXP Semiconductors TDA5345HT Datasheet HTML 5Page - NXP Semiconductors TDA5345HT Datasheet HTML 6Page - NXP Semiconductors TDA5345HT Datasheet HTML 7Page - NXP Semiconductors TDA5345HT Datasheet HTML 8Page - NXP Semiconductors TDA5345HT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
1999 June 10
5
Philips Semiconductors
Preliminary specification
5 V spindle & VCM driver combo
TDA5345HT
PINNING (GREY ROWS MEANS NEW PINS))
SYMBOL
PIN #
DESCRIPTION
I/O
SpinVddA
1
spindle MotA half bridge power supply
I
SpinRectBemf
2
spindle “Clamp”: rectified Bemf
O
SpinMotA
3
spindle power output: A
O
VcmVddM
4
VCM- half bridge power supply
SUPPLY
SpinGndAB
5
spindle MotA & MotB half bridges ground
GROUND
VcmMinus
6
VCM inverted power output (VCM-)
O
n.c.1
7
not connected ; connect it to ground
GROUND
SpinMotB
8
spindle power output: B
O
VcmGndPow
9
VCM H-bridge ground
GROUND
SpinVddBC
10
spindle MotC & MotB half bridges power supply
I
VcmPlus
11
VCM non-inverted power output
O
n.c.2
12
not connected; connect it to ground
GROUND
SpinMotC
13
spindle power output: C
O
VcmVddP
14
VCM+ half bridge power supply
SUPPLY
SpinGndC
15
spindle MotC half bridge ground
GROUND
GNDAna1
16
analog ground
GROUND
VcmCompensOut
17
VCM error amplifier output
O
VcmRef
18
VCM loop reference voltage (1.5 V)
O
VcmCompensIn
19
VCM error amplifier inverted input
I
VcmInput
20
VCM loop input
I
VcmVdd5Div2
21
internal Vdd5/2 reference voltage for the VCM
I/O
VcmSenseInM
22
VCM sense amplifier inverted input
I
VcmSenseInP
23
VCM sense amplifier non-inverted input
I
Vdd5Ana1
24
analog power supply
SUPPLY
PorN
25
power On Reset output
O
PorCap
26
external capacitor used to set the Power On Reset delay
O
BdGap
27
internal band-gap reference voltage (for production trimming)
I
Por5Adj
28
5 V power on reset threshold adjustment
I
VcmBemf
29
VCM Back-Emf amplifier output
O
OpAmpInM
30
VCM Back Emf Operational Amplifier inverted input
I
OpAmpOut
31
VCM Back Emf Operational Amplifier output
O
GNDAna2
32
analog ground
GROUND
RefCurRes
33
external 33 k
Ω resistor
O
Reg3v3PwrUp
34
hardware enable / disable for the 3.3 V regulator (at Power Up)
I
PumpNeg3 V
35
-3 V regulator pump capacitor
O
Neg3 V
36
-3 V regulator output sense pin
I
PowerFault
37
battery low warning
O
CLOCK
38
digital timing clock
I
SDATA
39
serial port Data line
I
Vdd5Dig
40
digital power supply
SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com