Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5345HT Datasheet(PDF) 30 Page - NXP Semiconductors

Part # TDA5345HT
Description  5 V spindle & VCM driver combo
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5345HT Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button TDA5345HT Datasheet HTML 26Page - NXP Semiconductors TDA5345HT Datasheet HTML 27Page - NXP Semiconductors TDA5345HT Datasheet HTML 28Page - NXP Semiconductors TDA5345HT Datasheet HTML 29Page - NXP Semiconductors TDA5345HT Datasheet HTML 30Page - NXP Semiconductors TDA5345HT Datasheet HTML 31Page - NXP Semiconductors TDA5345HT Datasheet HTML 32Page - NXP Semiconductors TDA5345HT Datasheet HTML 33Page - NXP Semiconductors TDA5345HT Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
1999 June 10
30
Philips Semiconductors
Preliminary specification
5 V spindle & VCM driver combo
TDA5345HT
3.3V linear regulator:
The Tda5345HT includes an analog amplifier suited to drive an external NPN that will supply the 3.3 V digital chips used
in the application together with the internal digital outputs (pins SpinDigOut (44), SpinMechClock (43), PowerFault
(37), ShockCompOut (52), TempMux (57)). The external pin Reg3v3PwrUp is used to enable (Reg3v3Pwr = 5 V) or
disable the regulator (Reg3v3Pwr = 0 V). When Reg3v3Pwr = 0 V, it is possible however to wake the regulator up through
the Reg3v3Enable bit (bit number 1 in register #4).
It has been designed to minimise the external components count.
Figure 25 shows the regulator diagram:
Negative supply regulator (-3 V) :
A capacitor-based negative supply regulator is also provided.
Due to process limitations, 2 external shottky diodes need to be added to the 2 external capacitors to make it work.
Figure 25 shows the regulator diagram:
Fig.25 3.3V linear regulator
RegNPNBase
(46)
Vdd5
RegSense (47)
internal
BandGap
voltage
reference
1.23V
800
Ω
1.24 k
Ω
2 k
Ω
5
µF
To 3.3V ICs
3.26V
Reg3v3PwrUp
Reg3v3Enable
(from serial interface)
Enable
(34)
2SC4210 or
similar NPN
decoupling
cap
SpinDigOut
PowerFault
SpinMechClock
ShockCompOut
TempMux



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com