Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5345HT Datasheet(PDF) 23 Page - NXP Semiconductors

Part # TDA5345HT
Description  5 V spindle & VCM driver combo
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5345HT Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button TDA5345HT Datasheet HTML 19Page - NXP Semiconductors TDA5345HT Datasheet HTML 20Page - NXP Semiconductors TDA5345HT Datasheet HTML 21Page - NXP Semiconductors TDA5345HT Datasheet HTML 22Page - NXP Semiconductors TDA5345HT Datasheet HTML 23Page - NXP Semiconductors TDA5345HT Datasheet HTML 24Page - NXP Semiconductors TDA5345HT Datasheet HTML 25Page - NXP Semiconductors TDA5345HT Datasheet HTML 26Page - NXP Semiconductors TDA5345HT Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
1999 June 10
23
Philips Semiconductors
Preliminary specification
5 V spindle & VCM driver combo
TDA5345HT
During the VCM brake, VCM power transistors N- & N+ are switched fully On while transistors P- & P+ are switched off.
During the soft retract step, N- transistor is switched off while the retract PMOS brings some current to the VCM. The
control loop is drawn in figure 14 (the voltage on VcmMinus is regulated).
Fig.15 Power transistors structure during a retract phase
(ext.)
VDD=5V
GND=0V
SpinRectBemf
Vcm-
Vcm+
Off
Off
Off
On
PA
NA
PB
NB
PC
NC
Retract PMOS
PA (resp. PB, PC) is switched On
NA (resp. NB, NC) is switched On
The back-EMF is synchronously rectified
when MotA (resp. MotB, MotC) is above SpinRectBemf
when MotA (resp. MotB, MotC) is below GND
by the spindle power transistors:
(ext.)
MotA
MotB
MotC
Isolation switch, used in reverse mode
1
2
10
5
15
9
4
14
63
62
(ext.)
(ext.)
(ext.)
P-
P+
N-
N+
VCM
Rsense
Fig.16 VCM retract circuitry
RetPmosDrain
SpinRectBemf
retract amplifier
(2)
(62)
Retract PMOS
Internal voltage reference
=> 125 mV in slow retract
=> 250mV in full power.
Programmable
voltage divider
VCM
(11)
On
VcmPlus
Rsense
(ext.)
VcmMinus
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com