Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5345HT Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDA5345HT
Description  5 V spindle & VCM driver combo
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5345HT Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDA5345HT Datasheet HTML 10Page - NXP Semiconductors TDA5345HT Datasheet HTML 11Page - NXP Semiconductors TDA5345HT Datasheet HTML 12Page - NXP Semiconductors TDA5345HT Datasheet HTML 13Page - NXP Semiconductors TDA5345HT Datasheet HTML 14Page - NXP Semiconductors TDA5345HT Datasheet HTML 15Page - NXP Semiconductors TDA5345HT Datasheet HTML 16Page - NXP Semiconductors TDA5345HT Datasheet HTML 17Page - NXP Semiconductors TDA5345HT Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
1999 June 10
14
Philips Semiconductors
Preliminary specification
5 V spindle & VCM driver combo
TDA5345HT
Commutation control
DELAYS
The spindle block contains both the low-side and high-side drivers configured as a H bridge for a three phase DC
brushless, sensorless motor. In each of the six possible states, two outputs are active, one sourcing current and one
sinking current. The third output presents a high impedance to the motor which enables measurement of the BEMF in
the corresponding motor coil. The back-EMF comparator output (available on pin SpinDigOut) is processed by the
commutation logic circuit to calculate the correct time for the next commutation, which will change the output state.
The commutation block measures then the time between 2 consecutive zero-crossings and determines the actual
commutation time and the next motor coils state. All the following situations must be taken into account:
=> Start up, No start, Backwards spin, Run and Manual commutation.
The commutation logic keeps the motor spinning by commutating the motor each time a zero-crossing is detected. The
delay between the zero-crossing and the actual output driver change is either internally calculated or programmable via
the serial port (useful at start-up: no delay has been measured!).
The internal commutation clock can be monitored on pin SpinDigOut (44). The falling edges are the relevant
informations: they are caused by the zero-crossings. If preferred, SpinDigOut can be set to become the back-EMF
comparator output, to check if the spindle is already spinning at power up for instance. If the spindle outputs are floating,
don’t forget to bias them, using the “BiasCT” bit, before considering the BemfCompOut value.
Fig.6 and Fig.7 show typical motor commutation timing diagrams.
SpinMotA
SpinMotB
SpinMotC
Commutation
BemfCompOut
L
L
F
HH
F
H
F
LL
F
H
F
HH
F
L
L
Fig.7 Input commutations to output drivers
Clock
Zero-crossing
State Code
0
1
2
3
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com