Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5345HT Datasheet(PDF) 31 Page - NXP Semiconductors

Part # TDA5345HT
Description  5 V spindle & VCM driver combo
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5345HT Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button TDA5345HT Datasheet HTML 27Page - NXP Semiconductors TDA5345HT Datasheet HTML 28Page - NXP Semiconductors TDA5345HT Datasheet HTML 29Page - NXP Semiconductors TDA5345HT Datasheet HTML 30Page - NXP Semiconductors TDA5345HT Datasheet HTML 31Page - NXP Semiconductors TDA5345HT Datasheet HTML 32Page - NXP Semiconductors TDA5345HT Datasheet HTML 33Page - NXP Semiconductors TDA5345HT Datasheet HTML 34Page - NXP Semiconductors TDA5345HT Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
1999 June 10
31
Philips Semiconductors
Preliminary specification
5 V spindle & VCM driver combo
TDA5345HT
Depending on the external CLOCK value, the programmable CLOCK divider has to be programmed according to the
following table :
Table 17 Division factor to program in order to get 500 kHz for the -3 V switched cap. regulator :
Adjustable bandgap :
An internal regulated voltage source (called BandGap) delivers a very accurate voltage to many different circuitry inside
the IC. This voltage (1.23 V) is almost independant of power supply, temperature and process spread. However, there
is still a +/- 3% spread on this voltage. To come to about +/- 0.5%, it is possible to adjust this voltage from an external
micro controller with a very accurate voltage source and an ADC. The following table gives the voltage added or
substracted to the BandGap voltage according to the code written in register 2, bit 4 to 6.
CLOCK
REGNEGCLK[2:0]
DIVISION FACTOR
10 MHz
000
20
12.5 MHz
001
22
15 MHz
010
30
16.5 MHz
011
32
20 MHz
100
40
25 MHz
101
50
30 MHz
110
60
33 MHz
111
66
Fig.26 -3V switched cap. regulator
Vdd5
Load
Switch
Band Gap
1.23V
manager
500 kHz
Programmable
divider
CLOCK
RegNegClk[2,0]
3 bits
Neg3V
PumpNeg3V
(35)
(36)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com