Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5345HT Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA5345HT
Description  5 V spindle & VCM driver combo
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5345HT Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA5345HT Datasheet HTML 9Page - NXP Semiconductors TDA5345HT Datasheet HTML 10Page - NXP Semiconductors TDA5345HT Datasheet HTML 11Page - NXP Semiconductors TDA5345HT Datasheet HTML 12Page - NXP Semiconductors TDA5345HT Datasheet HTML 13Page - NXP Semiconductors TDA5345HT Datasheet HTML 14Page - NXP Semiconductors TDA5345HT Datasheet HTML 15Page - NXP Semiconductors TDA5345HT Datasheet HTML 16Page - NXP Semiconductors TDA5345HT Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
1999 June 10
13
Philips Semiconductors
Preliminary specification
5 V spindle & VCM driver combo
TDA5345HT
bit 0 (TempSelect): selects whether the TempMux pin is a digital output (temperature-high warning) when
TempSelect = ‘0’ or an analog output (temperature monitor) when TempSelect = ‘1’.
REGISTER #5
bit [11, 9] (Speed[14, 12]): division factor used to set the spindle speed controlled by onboard FLL/PLL (2 MSBs only).
bit [8, 7] (PllCur[0, 1]): Programmable current for the PLL charge pump.
bit 6 (Dac6ToVcm): 6-bit DAC is connected to the VCM section when Dac6ToVcm = ‘1’, else connected to the spindle.
bit [5, 0] (Dac6[5, 0]): 6-bit word converted to a current by the 6-bit DAC.
REGISTER #6
bit [11, 0] (Speed[11, 0]): division factor used to set the spindle speed controlled by onboard FLL/PLL (12 LSBs only).
REGISTER #7
bit [11, 0] (Dac12a[11, 0]): 12-bit word sent to the VCM 12-bit DAC. Low gain selected for the VCM loop.
REGISTER #8
bit [11, 0] (Dac12b[11, 0]): 12-bit word sent to the VCM 12-bit DAC. High gain selected for the VCM loop.
REGISTER #9
bit [10] (Shock thresh[23):set the shnock sensor threshold value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com