Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5345HT Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA5345HT
Description  5 V spindle & VCM driver combo
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5345HT Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA5345HT Datasheet HTML 6Page - NXP Semiconductors TDA5345HT Datasheet HTML 7Page - NXP Semiconductors TDA5345HT Datasheet HTML 8Page - NXP Semiconductors TDA5345HT Datasheet HTML 9Page - NXP Semiconductors TDA5345HT Datasheet HTML 10Page - NXP Semiconductors TDA5345HT Datasheet HTML 11Page - NXP Semiconductors TDA5345HT Datasheet HTML 12Page - NXP Semiconductors TDA5345HT Datasheet HTML 13Page - NXP Semiconductors TDA5345HT Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
1999 June 10
10
Philips Semiconductors
Preliminary specification
5 V spindle & VCM driver combo
TDA5345HT
FUNCTIONAL DESCRIPTION
Serial interface
The serial interface is a uni-directional port for writing data to the internal registers of TDA5345HT. Each write is
composed of 16 bits. For data transfer SEN_N is brought low, serial data is presented at SDATA pin, and a serial clock
is applied to the SCLK pin. After the SEN_N pin goes low, the first 16 pulses applied to the SCLK pin shifts the data
presented at the SDATA pin into an internal shift register on the rising edge of each clock. An internal counter prevents
more than 16 bits from being shifted into the register. The data in the shift register is latched when SEN_N goes high. If
less than 16 clock pulses are provided before SEN_N goes high, the data transfer is aborted.
All transfers are shifted into the serial port MSB first. The first 4 bits of the transfer determine the internal register to be
accessed. The other 12 bits contain the programming data. During sleep modes, the serial port remains active and
register programming data is retained.
Table 1
Address of registers
A3
A2
A1
A0
REG.
DESCRIPTION
000
0
0
clock dividers programmation, spindle mode control
000
1
1
start-up,comdelim & watch-dog delays
001
0
2
blank delay, bandgap adjust, 3-step retract param (begin)
001
1
3
3-step retract parameters (end)
010
0
4
fly-back slope, shock sensor threshold & sleep control bits
010
1
5
speed factor (MSBs), PLL control and 6-bit DAC
011
0
6
speed factor(LSBs)
011
1
7
Vcm 12-bit DAC (low gain)
100
0
8
Vcm 12-bit DAC (high gain)
1
0
0
1
9
shock sensor threshold
SDATA
A3
A2
A1
A0
D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Write to TDA5345HT
SEN_N
SCLK
Receive data
Address
Tex
Thd
Tsu
Tst
Fig.6 Serial port timing information.
1
2
3
4
5
6
78
9
10
11
12
13
14
15
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com