Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5345HT Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TDA5345HT
Description  5 V spindle & VCM driver combo
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5345HT Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TDA5345HT Datasheet HTML 12Page - NXP Semiconductors TDA5345HT Datasheet HTML 13Page - NXP Semiconductors TDA5345HT Datasheet HTML 14Page - NXP Semiconductors TDA5345HT Datasheet HTML 15Page - NXP Semiconductors TDA5345HT Datasheet HTML 16Page - NXP Semiconductors TDA5345HT Datasheet HTML 17Page - NXP Semiconductors TDA5345HT Datasheet HTML 18Page - NXP Semiconductors TDA5345HT Datasheet HTML 19Page - NXP Semiconductors TDA5345HT Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
1999 June 10
16
Philips Semiconductors
Preliminary specification
5 V spindle & VCM driver combo
TDA5345HT
programmed to be the
maximum allowable delay value.
If
∆Zcmeasured is lower than ComDeLim, the next commutation delay will be ∆Zcmeasured divided by 2.
If
∆Zcmeasured is higher than ComDeLim, the next commutation delay will be ComDeLim value divided by 2.
ComDeLim can be limited to guarantee a faster lock after the motor has gone out of lock.
The clock used in the commutation control block is obtained by dividing the master clock of the chip (CLOCK: pin #38)
by a clock divider (PRESCALER). This internal clock is named ClockOutPrescaler.
All the delays described above (Blank, WatchDog and StartUp) are generated by a down-counter (called TIMER1). The
time between two zero-crossings is measured by a second counter called TIMER2. The commutation delay and the
ComDeLim are derived from TIMER2. Both counters are clocked on ClockOutPrescaler clock, which is programmable
through the serial interface, using bit 7 & 8 of register #0: (ClockOutPrescaler should be chosen as typically 1 MHz)
Table 4
Clock configurations
TIMER
1
Timer 1 is used to generate Blank, WatchDog and StartUp delays: It loads one of these programmed values and counts
down till it reaches zero. All LSB bits are internally set to ‘1’: bits [2:0] for Blank, bits [8:0] for WatchDog, bits [13:0] for
StartUp.
Calculations:
The actual delay will be: Delay = (Value * Step) + min, where:
Value
= the decimal value programmed in the considered register
Step size
= 2LSB /
ClockOutPrescaler
Min
= (2LSB -1) /
ClockOutPrescaler (bits from 0 to (LSB-1) are internally set to 1)
maximum
= (2(MSB+1) -1) /
ClockOutPrescaler
PRESCFACTOR1
(BIT 8, REG#0)
PRESCFACTOR0
(BIT 7, REG#0)
CLOCKOUTPRESCALER
0
0
CLOCK/4
0
1
CLOCK/8
1
0
CLOCK/16
1
1
CLOCK/32
Fig.9 Timer 1 configuration.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
Blank
WatchDog
StartUp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com