Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5345HT Datasheet(PDF) 36 Page - NXP Semiconductors

Part # TDA5345HT
Description  5 V spindle & VCM driver combo
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5345HT Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button TDA5345HT Datasheet HTML 32Page - NXP Semiconductors TDA5345HT Datasheet HTML 33Page - NXP Semiconductors TDA5345HT Datasheet HTML 34Page - NXP Semiconductors TDA5345HT Datasheet HTML 35Page - NXP Semiconductors TDA5345HT Datasheet HTML 36Page - NXP Semiconductors TDA5345HT Datasheet HTML 37Page - NXP Semiconductors TDA5345HT Datasheet HTML 38Page - NXP Semiconductors TDA5345HT Datasheet HTML 39Page - NXP Semiconductors TDA5345HT Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
1999 June 10
36
Philips Semiconductors
Preliminary specification
5 V spindle & VCM driver combo
TDA5345HT
3. Spindle circuits
3-1 Spindle driver: (assuming that Resistor @ pin RefCurRes is exactly 33 k
Ω)
3-2 Spindle current loop (assuming that Resistor @ pin RefCurRes is exactly 33 k
Ω)
3-3 Spindle Fll Charge Pump (assuming that Resistor @ pin RefCurRes is exactly 33 k
Ω)
tHD
clock to data hold time
GbD
2
ns
tFINISH
last active clock to chip
select inactive on write
GbD
TSCLK/2
ns
tWAIT
time between successive
serial port accesses
GbD
5
CLOCK
cycles
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT.
RDSon
total FET resistance
ISPIN = 620 mA
1.5
Ω
IStartMax
maximum start-up current
DAC6[5,0] = “011111”
620
mA
IStartStep
start-up current step
20
mA
IStartRes
start-up current resolution
5
5
bits
IRUN
running current
continuous
300
mA
SR1
fly-backs slew rate control
FlyBackSlope[0,1] = “00”
19
26.5
34
mV/
µs
SR2
fly-backs slew rate control
FlyBackSlope[0,1] = “01”
48
59
70
mV/
µs
SR3
fly-backs slew rate control
FlyBackSlope[0,1] = “10”
105
124
143
mV/
µs
SR4
fly-backs slew rate control
FlyBackSlope[01] = “11”
222
256
290
mV/
µs
ACCR_FB
relative accuracy on the 6
fly-backs slew-rate
-20
+20
%
Vfbmax
max voltage on spinmotx
positive fly-back, I
<100 mA
Vdd5+
0.05
Vdd5+
0.2
Vdd5+
0.35
V
Vfbmin
min voltage on spinmotx
neg. fly-back, I <100 mA
-0.35 V
-0.2 V
-0.05 V
V
IBP
brake power leakage
PorN = “0”, GbD
5
250
nA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ACCStCur
spindle start-up current
accuracy
IStUp > 400 mA
-6
+6
%
ACCRStCur
current relative accuracy
between each phase
IStUp > 400 mA
-5
+ 5
%
gmOTA
OTA transconductance
GbD
35
50
65
µA/V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Ich/disch
charge/discharge current
465
500
535
µA
SYMCur
charge/discharge currents
symetry
0.98
1.02
tr/f
rise/Fall time
GbD
1
2
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com