Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5345HT Datasheet(PDF) 24 Page - NXP Semiconductors

Part # TDA5345HT
Description  5 V spindle & VCM driver combo
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5345HT Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button TDA5345HT Datasheet HTML 20Page - NXP Semiconductors TDA5345HT Datasheet HTML 21Page - NXP Semiconductors TDA5345HT Datasheet HTML 22Page - NXP Semiconductors TDA5345HT Datasheet HTML 23Page - NXP Semiconductors TDA5345HT Datasheet HTML 24Page - NXP Semiconductors TDA5345HT Datasheet HTML 25Page - NXP Semiconductors TDA5345HT Datasheet HTML 26Page - NXP Semiconductors TDA5345HT Datasheet HTML 27Page - NXP Semiconductors TDA5345HT Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
1999 June 10
24
Philips Semiconductors
Preliminary specification
5 V spindle & VCM driver combo
TDA5345HT
Table 12 VcmMinus voltage during the slow retract step versus Vretract[2:0] programming (bits [2:0] in register #2):
In full power mode, VcmMinus voltage is limited to 2.8 V. When the spindle back-EMF is used as a supply (power down)
the voltage will not be so high. The loop is working in saturation mode and the retract PMOS is fully saturated.
It is possible to have a kind of “soft rising” slope on VcmMinus voltage when switching from the slow retract state
(VcmMinus voltage is small) to the full power state (VcmMinus voltage is high). An internal digital counter generates
some steps (250 mV high) from VVcmMinus(SlowRetract) to VVcmMinus(FullPower) when VcmRetSoftRis = ‘1’ (bit 3, reg #2).
During all the VCM ramp unload sequence, a programmable state machine is activated, clocked by the spindle
back-EMF on SpinMotA.
If TbEMF is the spindle back-EMF period, the steps duration will vary according to the following table:
Table 13 Brake duration versus the T_VcmBrake[2:0] programming (bits [2:0] in register #3):
Table 14 Slow retract duration versus the T_SlowRet[5:0] programming (bits [8:3] in register #3):
Table 15 Full Power retract duration versus the T_FullPower[2:0] programming (bits [11:9] in register #3):
* Include typical waveform
VRETRACT[2:0]
VCMMINUS VOLTAGE
111
1 V
...
...
001
250 mV
000
125 mV
T_VCMBRAKE[2:0]
BRAKE DURATION
111
7*(2*TbEMF) +TbEMF
...
...
010
2*(2*TbEMF) +TbEMF
001
1*(2*TbEMF) +TbEMF
000
0
T_SLOWRET[5:0]
SLOW RET. DURATION
111111
63*TbEMF+TbEMF
...
...
000010
2*TbEMF+TbEMF
000001
1*TbEMF+TbEMF
000000
0
T_FULLPOW[2:0]
FULL POWER DURATION
111
7*(32*TbEMF) +TbEMF
...
...
010
2*(32*TbEMF) +TbEMF
001
1*(32*TbEMF) +TbEMF
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com