Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5345HT Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA5345HT
Description  5 V spindle & VCM driver combo
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5345HT Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA5345HT Datasheet HTML 13Page - NXP Semiconductors TDA5345HT Datasheet HTML 14Page - NXP Semiconductors TDA5345HT Datasheet HTML 15Page - NXP Semiconductors TDA5345HT Datasheet HTML 16Page - NXP Semiconductors TDA5345HT Datasheet HTML 17Page - NXP Semiconductors TDA5345HT Datasheet HTML 18Page - NXP Semiconductors TDA5345HT Datasheet HTML 19Page - NXP Semiconductors TDA5345HT Datasheet HTML 20Page - NXP Semiconductors TDA5345HT Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
1999 June 10
17
Philips Semiconductors
Preliminary specification
5 V spindle & VCM driver combo
TDA5345HT
Table 5
Numeral application with CLOCK = 16 MHz
TIMER 2
TIMER2 is used to measure the delay between two zero-crossings and also to set the maximum commutation delay
through comdelim delay:
Explanation: COMDELIM is the maximum value that can be reached by TIMER 2. So, this is the maximum delay
between 2 zero-crossings. The maximum commutation delay is then half this value!
Calculations:
Delay between 2 zero-crossings (
∆ Zc):
step size
= 2LSB /
ClockOutPrescaler
min
= (2LSB-1) /
ClockOutPrescaler (bits from 0 to (LSB-1) are internally set to 1)
maximum
= (2(MSB+1) - 1) /
ClockOutPrescaler
Maximum commutation delay:
step size
= 2(LSB-1) /
ClockOutPrescaler
maximum
= (2(MSB) - 1) /
ClockOutPrescaler
Table 6
Numeral application with CLOCK = 16 MHz
DELAYS
CLOCKOUTPRESCALER=
CLOCK/4 = 4 MHZ
CLOCKOUTPRESCALER=
CLOCK/8 = 2 MHZ
CLOCKOUTPRESCALER=
CLOCK/16 = 1 MHZ
CLOCKOUTPRESCALER=
CLOCK/32
= 0.5 MHZ
MIN
STEP
MAX
MIN
STEP
MAX
MIN
STEP
MAX
MIN
STEP
MAX
Blank
3
µs
4
µs
63
µs
7
µs
8
µs
127
µs
15
µs
16
µs
255
µs
31
µs
32
µs
511
µs
WatchDog
127
µs
128
µs 2.05 ms 255 µs 256 µs 4.0 ms
511
µs 512 µs 8.2 ms 1023 µs 1024 µs 16.4 ms
StartUp
4.1 ms
65.5 ms 65.5 ms
8.2 ms
8.2 ms
131 ms 16.4 ms 16.4 ms 262 ms 32.8 ms 32.8 ms 524 ms
DELAYS
CLOCKOUTPRESCALER=
CLOCK/4 = 4 MHZ
CLOCKOUTPRESCALER=
CLOCK/8 = 2 MHZ
CLOCKOUTPRESCALER=
CLOCK/16 = 1 MHZ
CLOCKOUTPRESCALER=
CLOCK/32 = 0.5 MHZ
MIN
STEP
MAX
MIN
STEP
MAX
MIN
STEP
MAX
MIN
STEP
MAX
∆ ZC
63
µs
64
µs 1.02 ms 127 µs 128 µs 2.05 µs 255 µs 256 µs 4.1 ms
511
µs 512 µs 8.2 ms
ComDeLim
31
µs
32
µs
511 ms
63
µs
64
µs 1.02 ms 127 µs 128 µs 2.05 ms 255 µs 256 µs 4.1 ms
Fig.10 Timer 2 configuration.
0
1
2
3
4
5
6
7
8
9
10
11
ComDeLim



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com