Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 45 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 41Page - STMicroelectronics L9396 Datasheet HTML 42Page - STMicroelectronics L9396 Datasheet HTML 43Page - STMicroelectronics L9396 Datasheet HTML 44Page - STMicroelectronics L9396 Datasheet HTML 45Page - STMicroelectronics L9396 Datasheet HTML 46Page - STMicroelectronics L9396 Datasheet HTML 47Page - STMicroelectronics L9396 Datasheet HTML 48Page - STMicroelectronics L9396 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 109 page
background image
DS12539 Rev 10
45/109
L9396
Remote sensor interface
109
Figure 9. Wheel speed sensor protocol types
GADG2001170743PS
Three levels current
(VDA compliant sensor
with Manchester encoded
information)
Three levels current
(Standard compliant sensor
with only speed information
information)
Two levels current PWM
(One pulse per tooth with data
encoded in pulse width)
Two levels current PWM
(Two pulses per tooth with data
and diagnostic encoded
in pulse width)
WSx pin
WSx pin
WSx pin
Data and diagnostic by SPI: Three level sensors have eight data bits and a parity bit which are written into the register upon
receiving At higher speeds not all bits can be transmitted. The data register for each wheel contains the number of data bits
received between two speed pulses.
Data by WSx pin (Pass-through model)
Data by WSx pin and Duty cycle info by SPI
(Normal mode)
WSx pin
Data by WSx pin and Duty cycle info by SPI
(Normal mode)
(Pass-through model)
(Pass-through model)
high
db0
ITHopen
ITH1
ITH2
db1 db2 db3 db4 db5 db6 db7 p
high
high
low
highhighhighhigh
low
28mA
ITH1
14mA
7mA
45µs
45µs
n x 45µs
45µs
90µs
90µs
ITH1
14mA
7mA
ITH1
14mA
7mA
7mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com