Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 48 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 44Page - STMicroelectronics L9396 Datasheet HTML 45Page - STMicroelectronics L9396 Datasheet HTML 46Page - STMicroelectronics L9396 Datasheet HTML 47Page - STMicroelectronics L9396 Datasheet HTML 48Page - STMicroelectronics L9396 Datasheet HTML 49Page - STMicroelectronics L9396 Datasheet HTML 50Page - STMicroelectronics L9396 Datasheet HTML 51Page - STMicroelectronics L9396 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 109 page
background image
Remote sensor interface
L9396
48/109
DS12539 Rev 10
Bit 14
SSDIS: DOUTx output disabled in
case of Standstill condition (valid
only for PWM encoded 2 edges
sensor)
0 => DOUTx enabled during
standstill
1 => DOUTx disabled during
standstill
0
SSM_RESET
LBIST
Bit 13
WSI_FIX_THRESH: WSI selection
of fixed or auto adaptive thresholds
0 => auto adaptive thresholds
1 => fixed thresholds
0
SSM_RESET
LBIST
Bit 12
WSFILT_CONF (see bits 16 to 19)
0
SSM_RESET
LBIST
Bit 11:10
STS: Sensor Type Selection
00 => Two level, Standard
01 => Three level, VDA
10 => PWM Encoded, 2 level, 2
edges/tooth
11 => PWM Encoded, 2 level, 1
edge/tooth
0
SSM_RESET
LBIST
Bit 9:6
WSFILT[3:0]: Wheel Speed filter
time selection (500 ns per bit)
If WSFILT_CONF=0:
0000 => 8 µs
----- => 500 ns per bit
1111 => 15.5 µs
If WSFILT_CONF=1:
xx00 => 8 µs, xx01 ≥15 µs,
xx10 => 30 µs, xx11 ≥50 µs
0010
SSM_RESET
LBIST
Bit 5
WSIPTEN: Pass Through mode
enable (valid only for PWM
encoded sensors)
0 => Off
1 => On
0
SSM_RESET
LBIST
Bit 4
SSDIS: DOUTx output disabled in
case of Standstill condition (valid
only for PWM encoded 2 edges
sensor)
0 => DOUTx enabled during
standstill
1 => DOUTx disabled during
standstill
0
SSM_RESET
LBIST
Table 23. RS_CFG_0_1 register bit description (continued)
Data Field
Description
Reset value
Reset Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com