Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 83 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 79Page - STMicroelectronics L9396 Datasheet HTML 80Page - STMicroelectronics L9396 Datasheet HTML 81Page - STMicroelectronics L9396 Datasheet HTML 82Page - STMicroelectronics L9396 Datasheet HTML 83Page - STMicroelectronics L9396 Datasheet HTML 84Page - STMicroelectronics L9396 Datasheet HTML 85Page - STMicroelectronics L9396 Datasheet HTML 86Page - STMicroelectronics L9396 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 109 page
background image
DS12539 Rev 10
83/109
L9396
System functional safety implementations
109
Except the WD_Cnt_Value and WD_RST_Event_Value fields, this register is automatically
cleared once read.
A WD1_RESET event does not clear programmed parameters; default values are applied
only as a consequence of a WSM_RESET.
7.4.2
Second Watchdog (WD2)
When PRN signal input via PRN pin is not in the range of certain frequency, RESET is
asserted. The watchdog logic detects the only rising edge of PRN signal on PRN pin.
When RESET is deasserted (or at WDTDIS deasserting) the WD2 is in IDLE state for at
least TWAIT in order to wait the Microcontroller's logic bist end; after TWAIT the WD2 works
normally.
When PRN signal stops for at least Toff, RESET pin generates low signal for a time equal to
TRL (equal to Ton_RESET). This signal returns to high after TRL and for a time defined as
TRH. If PRN signal is still not a proper one, the RESET signal returns low for TRL and then
back high, repeating the above sequence.
Figure 22. WD2 timing diagram
PRN frequency error is detected if the frequency is higher than 1 kHz and is not detected if
the frequency is lower than 750 Hz. In other words, when the interval between PRN rising
edges is less than 1 ms, watchdog detects PRN over frequency and does not clear WDT
counter. If this condition continues during toff, RESET pin drives low.
WD_RST_ Cnt
1
0
Flag set if the WD1_RESET signal has been sent because
error counter reached zero.
0: Ok
1: WD1_RESET because WD_CNT reached the value of zero
WD_RST_Event_Value
4
0
Current value of the WD_RST event already sent
SPI parameter
Size
(bits)
default
Description
GADG2501170928PS
RESET
PRN
TRH
TRL
Toff
VSTN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com