Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 32Page - STMicroelectronics L9396 Datasheet HTML 33Page - STMicroelectronics L9396 Datasheet HTML 34Page - STMicroelectronics L9396 Datasheet HTML 35Page - STMicroelectronics L9396 Datasheet HTML 36Page - STMicroelectronics L9396 Datasheet HTML 37Page - STMicroelectronics L9396 Datasheet HTML 38Page - STMicroelectronics L9396 Datasheet HTML 39Page - STMicroelectronics L9396 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 109 page
background image
Power supply
L9396
36/109
DS12539 Rev 10
If the device receives an SPI command to set the POWERHOLD bit within the first keep-
alive period the device remains awake. Similarly, if the device receives an SPI command to
refresh the KEEPALIVE bit within the first keep-alive period the device remains awake.
Once the KEEPALIVE bit is refreshed a new KA_period starts and so forth. To stay on the
keep-alive bit should be refreshed at each KA_period.
Should the KA_period elapse without any of the above 3 conditions, the device exits the
keep-alive mode and enters in power down.
The power down sequence depends on the keep alive choice being done.
In the following figure, the power down sequence related to a H->L transition on the wake-
up input pin without SPI conditioning is shown.
Figure 7. Power down sequence from wake up input
VBATP
13.5V
VCC5_UV
VCC_UV
VPREREG
IGN
VCC5
VCC
RESET
WAKE_FLT_down
KA_period
VCORE
Tflt_VCC5_UVOV/Tflt_VCC_UVOV/Tflt_VCORE_VCOREFDBK_UVOV
VCORE_dly
VDD_UV/VINTA_UV
VDD/VINTA
POR
Tflt_ VDD_OV_UV/Tflt_ VINTA_OV_UV
GADG1901171502PS
Table 16. Power up and power down
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC5_dly
VCC5 delay at
power-up
From VPREREG_UV to VCC5
start
-
200
-
µs
VCC_dly
VCC delay at
power-up
From VPREREG_UV to VCC
start
-
200
-
µs
VCORE_dly
VCORE delay at
power-down
From end of KA_period to
VCORE switch off
-
200
-
µs
Ton_RESET
RESET hold time
From regulators in range to
RESET High
11
12
13
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com