Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 93 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 89Page - STMicroelectronics L9396 Datasheet HTML 90Page - STMicroelectronics L9396 Datasheet HTML 91Page - STMicroelectronics L9396 Datasheet HTML 92Page - STMicroelectronics L9396 Datasheet HTML 93Page - STMicroelectronics L9396 Datasheet HTML 94Page - STMicroelectronics L9396 Datasheet HTML 95Page - STMicroelectronics L9396 Datasheet HTML 96Page - STMicroelectronics L9396 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 109 page
background image
0000011
0
3
SYS_CONFIG_3
CONFIGURATION 3
TYPE = R/W
R/W
- - - - - -
GPO DRIVER PWM DUTY CYCLE [7:0]
DUTY % = GPO DRIVER PWM DUTY CYCLE
[7:0] * 100 / 255
DEFAULT=127 , RST = SSM RESET
- -
GPO DRIVER PWM PERIOD [7:0]
PERIOD = 64µs * GPO DRIVER PWM PERIOD
[7:0] + 1920 µs
Range 0 – 214 , 521 Hz – 64Hz
DEFAULT=92 , RST = SSM RESET
0000100
0
4
SUPPLY_CONTROL
_1
SUPPLY CONTROL 1
DEFAULT = 0 , RESET POR
(masked during power up)
TYPE = C/R
R
-
-
-
-
-
-
-
-
-
- - - - -
-
- - -
-
-
-
-
-
0000101
0
5
SUPPLY_CONTROL
_2
SUPPLY CONTROL 2
DEFAULT = 0 , RESET POR
(masked during power up)
TYPE = C/R (bits 19, 14:9,
3:0)
TYPE = R/O (bits 7:6, 4)
R
- -
-
-
-
-
-
-
-
-
- - -
-
- - -
-
Table 60. Registers summary (continued)
ADDRESS
Name
Description
Type
DATA
BIN
Page
[6:4]
REG
[3:0]
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
W R W R W R W R W R W R W R W R W R W R W R W R W R W R W R W R W R W R W R W R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com