Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 51 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 47Page - STMicroelectronics L9396 Datasheet HTML 48Page - STMicroelectronics L9396 Datasheet HTML 49Page - STMicroelectronics L9396 Datasheet HTML 50Page - STMicroelectronics L9396 Datasheet HTML 51Page - STMicroelectronics L9396 Datasheet HTML 52Page - STMicroelectronics L9396 Datasheet HTML 53Page - STMicroelectronics L9396 Datasheet HTML 54Page - STMicroelectronics L9396 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 109 page
background image
DS12539 Rev 10
51/109
L9396
Remote sensor interface
109
WSICTRL register stores Remote sensor control field.
Bits 3 down to 0 of this register are used to enable WSS interfaces. These bits can be
written only when INIT bit (bit 5) of this register is '1'. When INIT is cleared to 0, also bits 3
down to 0 are cleared to 0. Enable/Disable state of interfaces is maintained and it can be
monitored by reading back RS_DATA_RSDR registers.
Bits 8 and 9 of this register can be changed only when INIT bit is '1'. When INIT is cleared to
'0' these bits maintain their values.
Bit 3
WSI_FIX_THRESH: WSI selection
of fixed or auto adaptive thresholds
0 => auto adaptive thresholds
1 => fixed thresholds
0
SSM_RESET
LBIST
Bit 2
WSFILT_CONF (see bits 6 to 9)
0
SSM_RESET
LBIST
Bit 1:0
STS: Sensor Type Selection
00 => Two level, Standard
01 => Three level, VDA
10 => PWM Encoded, 2 level, 2
edges/tooth
11 => PWM Encoded, 2 level, 1
edge/tooth
0
SSM_RESET
LBIST
Table 26. RS_CTRL register
ADDR
NAME
TYPE
BITS = 10
0001011
RS_CTRL
RW
9: WSS_EN_SAT_FLAGS, 8: WSS_READ_CURRENT, 5:
INIT, 4:DIAG, 3:0 WSIENA
Table 27. RS_CTRL register bit description
Data Field
Description
Reset Value
Reset Event
Bit 9
WSS EN SAT FLAGS: Allow to
read WSS current saturation flags
available in RS_DATA_RSDR_12
0 => disable flags
1 => enable flags
0
SSM_RESET
LBIST
Bit 8
WSS READ CURRENT: Allow to
read instantaneous converted
current in bit [9:0] of
RS_DATA_RSDR_4/5/6/7
0 => reading base current
1 => reading instantaneous current
0
SSM_RESET
LBIST
Table 25. RS_CFG_2_3 register bit description (continued)
Data Field
Description
Reset Value
Reset Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com