Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 80 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 76Page - STMicroelectronics L9396 Datasheet HTML 77Page - STMicroelectronics L9396 Datasheet HTML 78Page - STMicroelectronics L9396 Datasheet HTML 79Page - STMicroelectronics L9396 Datasheet HTML 80Page - STMicroelectronics L9396 Datasheet HTML 81Page - STMicroelectronics L9396 Datasheet HTML 82Page - STMicroelectronics L9396 Datasheet HTML 83Page - STMicroelectronics L9396 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 109 page
background image
System functional safety implementations
L9396
80/109
DS12539 Rev 10
WD Request Timing
SPI parameters are programmable only before the WD mechanism starts. After the first
seed request, these parameters can be only read.
A WD1_RESET event does not clear programmed parameters; default values are applied
only as a consequence of a WSM_RESET.
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
W
Addr
-
T_Req_TimeOut_Delta
T_Valid_Req_End_Delta
T_Valid_Req_Start
CRC
SPI parameter
Size
(bits)
default
Description
T_Valid_Req_Start
8
0xFF
Start of the timing window inside which requests must be
received. Absolute value.
Time = T_Valid_Req_Start * WD_clk
T_Valid_Req_End_Delta
6
0x30
End of the timing window inside which requests must be
received. The value specified is an incremental time starting
from T_Valid_Req_Start.
Time = (T_Valid_Req_Start + T_Valid_Req_End_Delta) *
WD_clk
T_Req_TimeOut_Delta
6
0x00
End of the period for requests acceptance. Once reached, the
WD1_RESET signal will be sent independently of the Error
status (WD_CNT). The value specified is an incremental time
starting from T_Valid_Req_Start and T_Valid_Req_End_Delta.
Time = (T_Valid_Req_Start + T_Valid_Req_End_Delta +
T_Req_TimeOut_Delta) * WD_clk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com