Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 52 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 48Page - STMicroelectronics L9396 Datasheet HTML 49Page - STMicroelectronics L9396 Datasheet HTML 50Page - STMicroelectronics L9396 Datasheet HTML 51Page - STMicroelectronics L9396 Datasheet HTML 52Page - STMicroelectronics L9396 Datasheet HTML 53Page - STMicroelectronics L9396 Datasheet HTML 54Page - STMicroelectronics L9396 Datasheet HTML 55Page - STMicroelectronics L9396 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 109 page
background image
Remote sensor interface
L9396
52/109
DS12539 Rev 10
RS_AUX_CFG register stores WSI Thresholds for fixed current trip-point method.
Bit 5
INIT: Allow access to RS_CFG_x
registers, RS_CTRL register bits 3
down to 0 and RS_AUX_CFG
register.
0 => Off
1 => On
0
SSM_RESET
LBIST
Bit 4
DIAG: Allow access to WSS test
reg
0 => Off
1 => On
0
SSM_RESET
LBIST
Bit 3:0
CHxEN: Channel x Output enable,
updated by Reset Event or SPI
write
0 => Off
1 => On
0
SSM_RESET
LBIST
Table 28. RS_AUX_CFG register
Addr
Name
Type
Bits = 20
0001110
RS_AUX_CFG
RW
Offset Thr Range= 19:10, Lo Thr Range = 9:0
Table 29. RS_AUX_CFG register bit description
Data Field
Description
Reset Value
Reset Event
Bit 19:18
SECOND_RANGE_SEL: (valid
only for adaptive thresholds):
00 => ∆Ith2MIN= 12.5 mA,
∆Ith2MAX = 15.5 mA;
01 => ∆Ith2MIN=11.0mA,
∆Ith2MAX=17.0mA;
10 => ∆Ith2MIN=9.5mA,
∆Ith2MAX=18.5mA;
11 => ∆Ith2MIN=8.0mA,
∆Ith2MAX=20.0mA;
01
SSM_RESET
LBIST
Bit 17:10
WSI_OFFS_TH[7:0]:
In case of fixed thresholds this
represents offset from low
threshold to calculate the high
threshold (see formula in
Section 4.1).
In case of adaptive thresholds this
is the offset to calculate maximum
value of base current IB0: IB0MAX=
IB0MIN + OFFSET_IB0.
In both cases LSB=93.75 µA typ.
0x34
SSM_RESET
LBIST
Table 27. RS_CTRL register bit description (continued)
Data Field
Description
Reset Value
Reset Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com