Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 67 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 63Page - STMicroelectronics L9396 Datasheet HTML 64Page - STMicroelectronics L9396 Datasheet HTML 65Page - STMicroelectronics L9396 Datasheet HTML 66Page - STMicroelectronics L9396 Datasheet HTML 67Page - STMicroelectronics L9396 Datasheet HTML 68Page - STMicroelectronics L9396 Datasheet HTML 69Page - STMicroelectronics L9396 Datasheet HTML 70Page - STMicroelectronics L9396 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 109 page
background image
DS12539 Rev 10
67/109
L9396
System functional safety implementations
109
Note:
For more information about L9396 ADC accuracy, please locate the "L9396 ADC
Conversion Error" calculator in the attachment section.
Table 48. Voltage measurement electrical characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Ratio_1
Divider Ratio
Guaranteed by design
-
1
-
V/V
Ratio_2
Divider Ratio
Vinput_range_2 = 0.2 V … 5 V
-0.8%
2
0.8%
V/V
Ratio_4
Divider Ratio
Vinput_range_4a = 0.4 V … 10 V for
VCORE, SCORE;
Vinput_range_4b = 1.5 V … 10 V for
the other
-3%
4
3%
V/V
Ratio_7
Divider Ratio
Vinput_range_7 = 1.5 V … 17.5 V
-3%
7
3%
V/V
Ratio_10
Divider Ratio
Vinput_range_10 = 2 V … 25 V
-3%
10
3%
V/V
Ratio_15
Divider Ratio
Vinput_range_15 = 5.5 V … 35 V
-3%
15
3%
V/V
Ratio_22
Divider Ratio
Vinput_range_22 = 5.5 V … 51 V
-3%
22
3%
V/V
offset
Divider Offset
High impedance
-10
-
10
mV
Rratio2
Divider impedance Multiplexer input to GNDA
200
-
800
kΩ
Rratio4
Divider impedance Multiplexer input to GNDA
80
-
170
kΩ
Rratio7
Divider impedance Multiplexer input to GNDA
120
-
300
kΩ
Rratio10
Divider impedance Multiplexer input to GNDA
160
-
420
kΩ
Rratio15
Divider impedance Multiplexer input to GNDA
200
-
630
kΩ
Rratio22
Divider impedance Multiplexer input to GNDA
440
-
930
kΩ
Ileak_mux_on
Multiplexer On-
state input
leakage current
For all divider ratio except Ratio_1
-
-
60
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com