Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 5Page - STMicroelectronics L9396 Datasheet HTML 6Page - STMicroelectronics L9396 Datasheet HTML 7Page - STMicroelectronics L9396 Datasheet HTML 8Page - STMicroelectronics L9396 Datasheet HTML 9Page - STMicroelectronics L9396 Datasheet HTML 10Page - STMicroelectronics L9396 Datasheet HTML 11Page - STMicroelectronics L9396 Datasheet HTML 12Page - STMicroelectronics L9396 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 109 page
background image
DS12539 Rev 10
9/109
L9396
Overall description
109
2
Overall description
2.1
Block diagram
Figure 1. Block diagram
FAULT
WDTDIS
Voltage Monitor
UV / OV
Wake-up Monitor
IGN
Boost
Controller
9V
300mA
2MHz
GNDBST
BSTSW
VM_OUT
VBG Reference
& Monitor
VBM
VBST
CP
Reset
RESET
VM_OUT
WD_OUT
Control & Logic Blocks
SPI
Control &
Status Reg.
Temperature
Monitoring
Operating
Modes
Fail-Safe
Operation
FSN
Watchdog
CSN
SDI
SDO
CLK
WD_OUT
VM_OUT
TSD_OUT
Internal analog
3V3 supply
Internal digital
3V3 supply
POR & Osc.
BCK SW
VPREREG
VCC5
VCC
VCCSEL
Volt. Mon.
VCOREFDBK
Fail Safe FET
HS pre driver
(On/Off control)
Pump Motor FET
HS pre driver
(PWM control)
VDBATT
WSS / Tracking regulation Interface
RSU0H/L
AI[2/3/4]
HV Mux +
ADC Converter
Battery protected
switch
VB
VB_SW
KL 30
KL 15
Boost
components
option .
populated
2.2uH
22uH
‘1’
‘0’
Decoding
uC I/O supply
GCORE
VC1
VC2
VBATP
VBATP
VDS
VBATP
VDG
SCORE
System
Voltages
LS GPO driver
(PWM control)
GPOD0
Voltage
regulation
VC3
VC4
I_CORE_SH
I_CORE_SL
uC I/O & ADC
supply
VCORE
PRN
RSU1H/L
RSU2H/L
RSU3H/L
PDBATT
Volt. Mon.
AI[0/1]
CBS
GADG1801171059SG
Lin with ext. FET
500 mA
0.8 V / 5.0 V
Buck with ext. FET
1 A
0.8 V / 5.0 V
(µC Core)
VCORE Regulator
I/O ref
Volt. Mon.
Volt. Mon.
WSS/Tracking IF
Volt. Mon.
100 mA
3.3 V / 5.0 V
(µC I/O)
LDO VCC
250 mA
5.0 V
(µC I/O & ADC)
LDO VCC5
465 kHz
1000 mA
6.5 V / 7.2 V
Controller
Buck
Charge Pump



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com