Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 61 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 57Page - STMicroelectronics L9396 Datasheet HTML 58Page - STMicroelectronics L9396 Datasheet HTML 59Page - STMicroelectronics L9396 Datasheet HTML 60Page - STMicroelectronics L9396 Datasheet HTML 61Page - STMicroelectronics L9396 Datasheet HTML 62Page - STMicroelectronics L9396 Datasheet HTML 63Page - STMicroelectronics L9396 Datasheet HTML 64Page - STMicroelectronics L9396 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 109 page
background image
DS12539 Rev 10
61/109
L9396
Remote sensor interface
109
VRSUHx_VCC5_UV Undervoltage threshold
-
VCC5
- 10%
-
VCC5
- 5%
V
VRSUHx_VCC5_OV Overvoltage threshold
-
VCC5
+ 5%
-
VCC5
+ 10%
V
-
Line regulation
V(VPREREG) = 6V to
19V, IRSUHx = 10mA,
100mA
-10
-
+10
mV
-
Load regulation
IRSUHx = 10mA to 100mA,
V(VPREREG) = 6V, 19V
-10
-
+10
mV
-
Transient line regulation
V(VPREREG) = 6 V to
19 V, dV/dt = 3 V/µs
CRSUHx = 2.2 µF
-5
-
+5
%
-
Transient load regulation
IRSUHx = 10 mA to
100 mA,dI/dt=100 mA/µs
CRSUHx = 2.2 µF
-5
-
+5
%
PSRR
Power supply rejection
ratio
V(VPREREG) = 6.5 V,
Vnoise = 1Vpp
fnoise = 20 kHz,
CRSUHx = 2.2 µF
40
-
-
dB
ILIMTH
Output Current Limit
V(RSUHx) = -2 V
-340
-
-140
mA
IOCTH
Overcurrent threshold
-
-340
-
-140
mA
VRSUHxSTB
Output Short to Battery
Threshold
-
10.0
-
100
mV
ISTBTH
Static reverse current into
VPREREG
VRSUHx > VVPREREG +
VRSUHxSTB
0.0
-
1
mA
-
Soft start control
IRSUHx = 10 mA
CRSUHx = 2.2 µF
5
-
25
V/ms
Table 42. Tracking regulation configuration (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com