Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 37 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 33Page - STMicroelectronics L9396 Datasheet HTML 34Page - STMicroelectronics L9396 Datasheet HTML 35Page - STMicroelectronics L9396 Datasheet HTML 36Page - STMicroelectronics L9396 Datasheet HTML 37Page - STMicroelectronics L9396 Datasheet HTML 38Page - STMicroelectronics L9396 Datasheet HTML 39Page - STMicroelectronics L9396 Datasheet HTML 40Page - STMicroelectronics L9396 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 109 page
background image
DS12539 Rev 10
37/109
L9396
Pre-drivers
109
4
Pre-drivers
4.1
Fail safe pre-driver
The device integrates a pre-driver of an external FET for fail safe purposes. It can be used
as a HS pre-driver in case the external FET is used as a switch. The device controls the fail
safe pre-driver in On/Off via SPI. The function remains active while no internal voltage faults
or watchdog faults are detected.
This pre-driver implements a monitor against over current thanks to the diagnostics on
drain-source monitoring of the external FET (in case of overcurrent SPI bit 15 of
DRV_CONTROL_1 register goes high). If charge pump level goes below the disable
voltage, the pre-driver is turned off. When the level returns above the disable voltage, the
pre-driver returns to normal operation.
Table 17. Fail Safe pre-driver electrical characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDG_ON
VDG On voltage
(VDG-VDS)@-0.1mA
5.2
-
12
V
VDG_OFF
VDG Off voltage
(VDG-VDS)@0.1 mA
-
-
1
V
Rpd_VDG_VDS
Pull down resistor at VDG-
VDS
-
130
-
270
kΩ
VDG_Isource
VDG current source
V(VDG)=V(VDS)
V(CP)– V(VDG)=2V
0.2
1
2
mA
VDG_Isink
VDG current sink
V(VDG)-V(VDS)=1V
1
5
9
mA
QFS_turn-on_00
QFS turn-on threshold
voltage
V(VDBATT) – V(VDS)
VDS_TH=’00’
0.25
-
0.75
V
QFS_turn-on_01
QFS turn-on threshold
voltage
V(VDBATT) – V(VDS)
VDS_TH=’01’
0.75
-
1.25
V
QFS_turn-on_10
QFS turn-on threshold
voltage
V(VDBATT) – V(VDS)
VDS_TH=’10’
1.25
-
1.8
V
QFS_turn-on_11
QFS turn-on threshold
voltage
V(VDBATT) – V(VDS)
VDS_TH=’11’
1.75
-
2.4
V
IVDBATT_ds
VDBATT leakage current
for drain-source monitor
FAIL SAFE DRIVER
ENABLE=0
7
-
67
µA
tQFS_ON
Filter time of QFS turn-on
guaranteed by scan
-
12
-
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com