Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 27Page - STMicroelectronics L9396 Datasheet HTML 28Page - STMicroelectronics L9396 Datasheet HTML 29Page - STMicroelectronics L9396 Datasheet HTML 30Page - STMicroelectronics L9396 Datasheet HTML 31Page - STMicroelectronics L9396 Datasheet HTML 32Page - STMicroelectronics L9396 Datasheet HTML 33Page - STMicroelectronics L9396 Datasheet HTML 34Page - STMicroelectronics L9396 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 109 page
background image
DS12539 Rev 10
31/109
L9396
Power supply
109
PSRR
Power supply
rejection ratio
VPREREG = 6.5 V,
Vnoise = 1 Vpp
fnoise = 20 kHz,
CVCORE = 22 µF
LVCORE = 22 µH
40
-
-
dB
Linear configuration
VCORE
Output voltage
Nominal 0.8 V to
5 V Excluding
external voltage
divider accuracy
0.78
-
5.125
V
IVCORE_HI
Output load current
high
RSH_HI_CURR
0.07
-
0.75
A
IVCORE_LO
Output load current
low
RSH_LO_CURR
0.07
-
0.25
A
CVCORE
Output capacitor
-
5
-
40
µF
RCVCORE
Output capacitor
ESR
-
0.01
-
0.1
Ω
CVCORE_EMI
Drain output
stability capacitor
-
0.1
-
-
µF
CFET
External FET gate
charge
-
-
-
50
nC
VCOREFDBK
Feedback voltage
Excluding external
voltage divider
accuracy
0.8 -2.5%
-
0.8 + 2.5%
V
dVSR_ac
Line Transient
Response
All line, load;
dt = 10 µs
-5%
-
5%
%
dVLR_ac
Load Transient
Response
All line, load;
dt = 10 µs
-5%
-
5%
%
GCORE_pd
Gate internal pull
down
Not tested,
guaranteed by
design.
100
-
-
kΩ
GCORE_Vclamp
Gate voltage clamp -
8
-
12
V
ICOREL_HI Ilim
High Current
limitation
-
0.8
-
1.6
A
ICOREL_HI_OC
High Overcurrent
threshold
-
0.8
-
1.6
A
ICOREL_LO Ilim
Low Current
limitation
-
0.26
-
0.48
A
ICOREL_LO_OC
Low Overcurrent
threshold
-
0.26
-
0.48
A
Table 12. VCORE regulator electrical characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com