Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 54 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 50Page - STMicroelectronics L9396 Datasheet HTML 51Page - STMicroelectronics L9396 Datasheet HTML 52Page - STMicroelectronics L9396 Datasheet HTML 53Page - STMicroelectronics L9396 Datasheet HTML 54Page - STMicroelectronics L9396 Datasheet HTML 55Page - STMicroelectronics L9396 Datasheet HTML 56Page - STMicroelectronics L9396 Datasheet HTML 57Page - STMicroelectronics L9396 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 109 page
background image
Remote sensor interface
L9396
54/109
DS12539 Rev 10
Fault condition:
Bit 15
FLT: Fault Status, depending on
fault status the DATA bits are
defined differently. Cleared when
all the fault bits are 0, set when one
of the fault bits is 1
0 => No fault
1 => Fault
1
SSM_RESET
LBIST
Bit 14
Latch_D0: Latched D0, set when
previous message contains a ‘1’ in
bit0, cleared on read (only for VDA
sensor)
0 => no prior bit0 faults
1 => prior message(s) contained
bit0 fault
0
SSM_RESET
LBIST
Bit 13:12
LCID[1:0]: Logical Channel ID
00 => ch1
01 => ch2
10 => ch3
11 => ch4
-
SSM_RESET
LBIST
Bit 11:0
12-bit data from wheel speed
decoder
VDA Data Format:
DATA[7:0] Data bits
DATA[11:8] Counter bits
PWM Data Format:
DATA[8:0] Pulse Data bits
STD Data Format:
All zeros, data bits not used
0
SSM_RESET
LBIST
Table 32. RS_DATA_RSDR_0-3 registers bit description [Bit 15 = 1]
Data Field
Description
Reset Value
Reset Event
Bit 19:17
CRC [2:0]: CRC based on bits
[16:0] Update based on bits [16:0]
-
SSM_RESET
LBIST
Bit 16
NOT USED
0
-
Bit 15
FLT: Fault Status, depending on
fault status the DATA bits are
defined differently. Cleared when
all the fault bits are 0, set when one
of the fault bits is 1
0 => No fault
1 => Fault
1
SSM_RESET
LBIST
Table 31. RS_DATA_RSDR_0-3 registers bit description [Bit 15 = 0] (continued)
Data Field
Description
Reset Value
Reset Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com