Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 14Page - STMicroelectronics L9396 Datasheet HTML 15Page - STMicroelectronics L9396 Datasheet HTML 16Page - STMicroelectronics L9396 Datasheet HTML 17Page - STMicroelectronics L9396 Datasheet HTML 18Page - STMicroelectronics L9396 Datasheet HTML 19Page - STMicroelectronics L9396 Datasheet HTML 20Page - STMicroelectronics L9396 Datasheet HTML 21Page - STMicroelectronics L9396 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 109 page
background image
Power supply
L9396
18/109
DS12539 Rev 10
3
Power supply
3.1
Battery range
The device operates on 12 V system. Transient operation for these systems can reach 40 V
maximum. Particular care is to be taken in PCB manufacturing to keep thermal dissipation
to a reasonable level.
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C ≤ Tj ≤ +175 °C.
Table 5. Configuration and control DC specifications
Symbol
Parameter
Conditions / Comments
Min
Typ
Max
Unit
VBATPNOV_OB
Normal Operating
Voltage without boost
Design Info
6
13
19
V
VBATPNOV_WB
Normal Operating
Voltage with boost
Design Info
4.5
(6 to start-up)
-
19
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com