Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 57 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 53Page - STMicroelectronics L9396 Datasheet HTML 54Page - STMicroelectronics L9396 Datasheet HTML 55Page - STMicroelectronics L9396 Datasheet HTML 56Page - STMicroelectronics L9396 Datasheet HTML 57Page - STMicroelectronics L9396 Datasheet HTML 58Page - STMicroelectronics L9396 Datasheet HTML 59Page - STMicroelectronics L9396 Datasheet HTML 60Page - STMicroelectronics L9396 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 109 page
background image
DS12539 Rev 10
57/109
L9396
Remote sensor interface
109
Table 35. RS_DATA_RSDR_8-11 registers
Addr
Name
Type
Bits = 10
0011000
RS_DATA_RSDR_8
RO
For channel 0, See description
0011001
RS_DATA_RSDR_9
RO
For channel 1, See description
0011010
RS_DATA_RSDR_10
RO
For channel 2, See description
0011011
RS_DATA_RSDR_11
RO
For channel 3, See description
Table 36. RS_DATA_RSDR_8-11 registers bit description
Data Field
Description
Reset Value
Reset Event
Bit 9:0:
the content of this register is value
of second delta (∆Ith2)
LSB = 93.75 µA typ.
0x96
SSM_RESET
Table 37. RS_DATA_RSDR_12 register
Addr
Name
Type
Bits = 12
0011100
RS_DATA_RSDR_12
RO
See description
Table 38. RS_DATA_RSDR_12 register bit description
Data Field
Description
Reset Value
Reset Event
Bit 11:9
(2nd range saturation flag, 1st
range saturation flag, Base current
saturation flag) related to channel
3. Enabled only when
WSS_EN_SAT_FLAGS (bit 9 of
RSCTRL register) is 1.
0x0
SSM_RESET
Bit 8:6
(2nd range saturation flag, 1st
range saturation flag, Base current
saturation flag) related to channel
2. Enabled only when
WSS_EN_SAT_FLAGS (bit 9 of
RSCTRL register) is 1.
0x0
SSM_RESET
Bit 5:3
(2nd range saturation flag, 1st
range saturation flag, Base current
saturation flag) related to channel
1. Enabled only when
WSS_EN_SAT_FLAGS (bit 9 of
RSCTRL register) is 1.
0x0
SSM_RESET
Bit 2:0
(2nd range saturation flag, 1st
range saturation flag, Base current
saturation flag) related to channel
0. Enabled only when
WSS_EN_SAT_FLAGS (bit 9 of
RSCTRL register) is 1.
0x0
SSM_RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com