Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 40 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 36Page - STMicroelectronics L9396 Datasheet HTML 37Page - STMicroelectronics L9396 Datasheet HTML 38Page - STMicroelectronics L9396 Datasheet HTML 39Page - STMicroelectronics L9396 Datasheet HTML 40Page - STMicroelectronics L9396 Datasheet HTML 41Page - STMicroelectronics L9396 Datasheet HTML 42Page - STMicroelectronics L9396 Datasheet HTML 43Page - STMicroelectronics L9396 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 109 page
background image
Pre-drivers
L9396
40/109
DS12539 Rev 10
Table 19. Pump motor diagnostics electrical characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
PDG_ON_5V6
PDG On
voltage
(V(PDG)-V(PDS))@-
1mA@VBST>5.6V
assuming PDBATT=VBST
6.8
-
12
V
PDG_ON_8V
PDG On
voltage
(V(PDG)-V(PDS))@-
10mA@VBST>8V
assuming PDBATT=VBST
7.8
-
12
V
PDG_ON_8V55
PDG On
voltage
(V(PDG)-V(PDS))@-
1mA@VBST>8.55V
assuming PDBATT=VBST
8.9
-
12
V
PDG_OFF
PDG Off
voltage
(V(PDG)-V(PDS))@1mA
-
-
0.5
V
-
PDG turn-on
threshold
voltage
V(PDG) – V(PDS)
5.1
6
6.8
V
-
PDG turn-off
threshold
voltage
V(PDG) – V(PDS)
0.5
-
1
V
Rpd_PDG_PDS
Pull down
resistor at
PDG-PDS
-
130
-
270
kΩ
-
PDG switching
time
guaranteed by scan
-
6
-
µs
-
PDG filter
time
guaranteed by scan
-
3
-
µs
QPD_turn-on_00
QPD turn-on
threshold
voltage
V(PDBATT) – V(PDS)
PUMP_VDS_TH=’00’
0.25
-
0.75
V
QPD_turn-on_01
QPD turn-on
threshold
voltage
V(PDBATT) – V(PDS)
PUMP_VDS_TH=’01’
0.75
-
1.25
V
QPD_turn-on_10
QPD turn-on
threshold
voltage
V(PDBATT) – V(PDS)
PUMP_VDS_TH=’10’
1.25
-
1.8
V
QPD_turn-on_11
QPD turn-on
threshold
voltage
V(PDBATT) – V(PDS)
PUMP_VDS_TH=’11’
1.75
-
2.4
V
IPDBATT_ds
PDBATT
leakage current
for drain-source
monitor
PUMP MOTOR PRE
DRIVER ENABLE=0
7
-
67
µA
QPD_turn-off_th
QPD turn-off
threshold
voltage
V(PDBATT) – V(PDS)
-
QPD_turn-
on_th
-
V
-
QPD switching
time
guaranteed by scan
-
6
-
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com