Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 79 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 75Page - STMicroelectronics L9396 Datasheet HTML 76Page - STMicroelectronics L9396 Datasheet HTML 77Page - STMicroelectronics L9396 Datasheet HTML 78Page - STMicroelectronics L9396 Datasheet HTML 79Page - STMicroelectronics L9396 Datasheet HTML 80Page - STMicroelectronics L9396 Datasheet HTML 81Page - STMicroelectronics L9396 Datasheet HTML 82Page - STMicroelectronics L9396 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 109 page
background image
DS12539 Rev 10
79/109
L9396
System functional safety implementations
109
WD Answer Timing
SPI parameters are programmable only before the WD mechanism starts. After the first
seed request, these parameters can be only read.
A WD1_RESET event does not clear programmed parameters; default values are applied
only as a consequence of a WSM RESET.
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
W
Addr
-
T_Answ_TimeOut_Delta
T_Valid_Answ_End_Delta
T_Valid_Answ_Start
CRC
SPI parameter
Size
(bits)
default
Description
T_Valid_Answ_Start
8
0xFF
Start of the timing window inside which answers must be
received. Absolute value.
Time = T_Valid_Answ_Start * WD_clk
T_Valid_Answ_End_Delta
6
0x30
End of the timing window inside which answers must be
received. The value specified is an incremental time starting
from T_Valid_Answ_Start.
Time = (T_Valid_Answ_Start + T_Valid_Answ_End_Delta) *
WD_clk
T_Answ_TimeOut_Delta
6
0x00
End of the period for answers acceptance. Once reached, the
WD1_RESET signal will be sent independently of the Error
status (WD_CNT). The value specified is an incremental time
starting from T_Valid_Answ_Start and
T_Valid_Answ_End_Delta.
Time = (T_Valid_Answ_Start + T_Valid_Answ_End_Delta +
T_Answ_TimeOut_Delta) * WD_clk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com