Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 1 Page - STMicroelectronics

  L9396 Datasheet HTML 1Page - STMicroelectronics L9396 Datasheet HTML 2Page - STMicroelectronics L9396 Datasheet HTML 3Page - STMicroelectronics L9396 Datasheet HTML 4Page - STMicroelectronics L9396 Datasheet HTML 5Page - STMicroelectronics L9396 Datasheet HTML 6Page - STMicroelectronics L9396 Datasheet HTML 7Page - STMicroelectronics L9396 Datasheet HTML 8Page - STMicroelectronics L9396 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 109 page
background image
For further information contact your local STMicroelectronics sales office.
July 2025
DS12539 Rev 10
1/109
L9396
Automotive multiple power supply IC
Datasheet
- Production data
Features
• AEC-Q100 qualified
• FFull ISO26262 compliant, ASIL-D systems
ready
• Integrated boost regulator, 9 V, 300 mA,
2 MHz (opt. populated diode & inductor) for
deep cranking pulse (Stop&Start) & weak
battery conditions
• Integrated buck pre-regulator, 6.5 V / 7.2 V,
1 A, 465 kHz
• Integrated LDO, 5 V, 250 mA for µC I/O and
ADC supply
• Integrated configurable LDO, 3.3 V / 5 V,
100 mA for µC I/O supply
• Configurable and programmable regulator with
external FET, 0.8 V to 5 V for µC core supply
– up to 1 A in buck configuration
– up to 750 mA in linear configuration
• Spread spectrum approach to reduce EMC
emissions
• Four channels configurable remote sensor
interface
– wheel speed sensor protocol
– tracking regulator supply (3.3 V - 5 V)
– reverse battery protection and integrated
digital decoding
• High-side pre-drivers for fail safe (On/off
control) and for motor pump (PWM control)
• SPI communication bus
• Configurable 3.3 V / 5 V I/O level
• Configurable and programmable double
watchdog (Q&A WD and time-windowed WD)
• Double voltage reference for regulated rail
reference and monitoring
• Configurable Fail-Safe Functionality (Mode /
Safe Delay)
• Fail-Safe Output (FSN)
• Wake-up input
• Low-side general purpose output with
programmable PWM control
• Integrated 10-bits ADC with system
diagnostics
• Discrete analog inputs for integrated ADC
measurement (3 ch.)
• Voltage monitoring UV/OV on all regulated rails
• Temperature monitoring and thermal shutdown
• Operating voltage: VBATP: 4.5 V to 19 V with
boost; 6 V to 19 V without boost
• Ambient temperature range: -40 °C to 135 °C
• Package: TQFP64EP (10x10x1mm)
GAPGPS00129
TQFP64 (exposed pad down)
Table 1. Device summary
Order code
Package
Packing
L9396
TQFP64 10 x 10 x 1 mm
(exposed pad down)
Tray
L9396-TR
Tape & Reel
www.st.com


Similar Part No. - L9396

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9396 STMICROELECTRONICS-L9396 Datasheet
1Mb / 109P
Automotive multiple power supply IC
25-Jan-2022
More results

Similar Description - L9396

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC9201N TI-TPIC9201N Datasheet
403Kb / 11P
MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW SIDE DRIVER IC
logo
ON Semiconductor
LV5684NPVD ONSEMI-LV5684NPVD Datasheet
364Kb / 15P
System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5685PV ONSEMI-LV5685PV Datasheet
691Kb / 29P
System Power Supply IC for Automotive Infotainment Multiple-Output Linear Voltage Regulator
June, 2014
LV5693P ONSEMI-LV5693P_14 Datasheet
412Kb / 16P
System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5694P ONSEMI-LV5694P Datasheet
357Kb / 14P
System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5695P ONSEMI-LV5695P_14 Datasheet
345Kb / 14P
System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5696P ONSEMI-LV5696P Datasheet
313Kb / 15P
System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV56851UV ONSEMI-LV56851UV Datasheet
961Kb / 27P
Linear Voltage Regulator, Multiple-Output System Power Supply IC,
April 2016- Rev. 0
LV5680NPVC ONSEMI-LV5680NPVC Datasheet
453Kb / 16P
Linear Voltage Regulator, Multiple-Output, System Power Supply IC
February 2017- Rev. 1
logo
STMicroelectronics
L9396 STMICROELECTRONICS-L9396 Datasheet
1Mb / 109P
Automotive multiple power supply IC
25-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com