Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 87 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 83Page - STMicroelectronics L9396 Datasheet HTML 84Page - STMicroelectronics L9396 Datasheet HTML 85Page - STMicroelectronics L9396 Datasheet HTML 86Page - STMicroelectronics L9396 Datasheet HTML 87Page - STMicroelectronics L9396 Datasheet HTML 88Page - STMicroelectronics L9396 Datasheet HTML 89Page - STMicroelectronics L9396 Datasheet HTML 90Page - STMicroelectronics L9396 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 109 page
background image
DS12539 Rev 10
87/109
L9396
System functional safety implementations
109
7.6
Temperature sensor
The device provides an internal analog temperature sensor. The sensor is aimed at having a
reference for the average junction temperature on silicon surface. The sensor is placed far
away from power dissipating stages and drivers. The output of the temperature sensor is
available via SPI through ADC conversion. The formula to calculate temperature from ADC
reading is the following one:
T(°C) = (0.154 - 2.5 * ADCdec / (2^10*4.5)) * 220 / 0.369 + 180
where ADCdec is ADC reading in decimal.
7.7
Over temperature protection
Device is equipped with 9 independent thermal protection circuits placed close to circuits
that can experience over temperature in fault condition.
These circuits are: 4 remote sensor interfaces (WSS), GPO driver, one shared between
VCC and VCC5, VPREREG, Charge Pump, Boost.
The effect of thermal protections and how to manage this kind of fault is described in the
paragraphs related to those blocks.
7.8
Bist
7.8.1
Logic Bist
In order to test the correct operation of the main safety relevant digital blocks, a logic bist is
implemented.
The logic bist check can be controlled via SPI using the register BIST_CTRL.
The digital blocks checked are:
1.
Wheel Speed Sensor Logic
2.
Driver Controllers Logic
a)
BATTERY SWITCH
b)
PUMP MOTOR PRE DRIVER
c)
GPO
d)
FAIL SAFE PRE DRIVER
3.
ADC Controller Logic
If Logic BIST runs the logic under test and the SPI registers related to these digital blocks
are not available and reset to its default values at Logic Bist Exit.
Microcontroller can activate Logic bist setting the bit LOGIC BIST RUN = 1 in the register
BIST_CTRL. After that, the Logic Under Test is in BIST mode: the sequential cells are
Table 58. Temperature sensor
Symbol
Parameter
Conditions/Comments
Min.
Typ.
Max.
Unit
TMON
Monitoring temperature range
-
-40
-
175
°C
TACC
Temperature accuracy
-
-15
-
15
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com